Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC12LE5616AD Datasheet(PDF) 182 Page - STCmicro Technology Co,.Ltd

Part # STC12LE5616AD
Description  Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC12LE5616AD Datasheet(HTML) 182 Page - STCmicro Technology Co,.Ltd

Back Button STC12LE5616AD Datasheet HTML 178Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 179Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 180Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 181Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 182Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 183Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 184Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 185Page - STCmicro Technology Co,.Ltd STC12LE5616AD Datasheet HTML 186Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 377 page
background image
;-----------------------------------------------
;/* Timer1 interrupt routine */
TM1_ISR:
PUSH
ACC
PUSH
PSW
MOV
TL1,
#LOW T1MS
;reload timer1 low byte
MOV
TH1,
#HIGH T1MS
;reload timer1 high byte
MOV
A,
COUNT
ORL
A,
COUNT+1
;check whether count(2byte) is equal to 0
JNZ
SKIP
MOV
COUNT, #LOW 1000
;1ms * 1000 -> 1s
MOV
COUNT+1,#HIGH 1000
CPL
TEST_LED
;work LED flash
SKIP:
CLR
C
MOV
A,
COUNT
;count--
SUBB
A,
#1
MOV
COUNT, A
MOV
A,
COUNT+1
SUBB
A,
#0
MOV
COUNT+1,A
POP
PSW
POP
ACC
RETI
;-----------------------------------------------
END
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com