| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 104 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 104 Page - SPANSION |
|
104 / 216 page ![]() 102 S75WS256Nxx Based MCPs S75WS-N-00_00_A0 February 17, 2005 Data Sheet 18.2 Requirements for Synchronous (Burst) Read Operation The device is capable of continuous sequential burst operation and linear burst operation of a pre- set length. When the device first powers up, it is enabled for asynchronous read operation. Prior to entering burst mode, the system should determine how many wait states are desired for the initial word (tIACC) of each burst access, what mode of burst operation is desired and how the RDY signal will transition with valid data. The system would then write the configuration register command sequence. See Set Configuration Register Command Sequence for further details. Table 2-4 shows the address latency scheme for varying frequencies. Address Latency Scheme for < 84Mhz The initial word is output tIACC after the rising edge of the first CLK cycle. Subsequent words are output tBACC after the rising edge of each successive clock cycle, which automatically increments the internal address counter. Note that the device has a fixed internal address boundary that oc- curs every 512 words and there is a boundary crossing latency of 4/8 wait states, when the device is operating at frequencies lower than 56/80Mhz respectively. During the time the device is outputting data with the starting burst address not divisible by four, additional waits are required. For example, if the device is operating at frequency of 80Mhz and if the starting burst address is divisible by four A1:0 = 00, two additional wait state is required. Table 18.2 Address Latency Scheme for < 56Mhz Initial Addr Cycle X X+1 X+2 X+3 Add ws X+4 X+5 X+6 00 D0 D1 D2 D3 0ws D4 D5 D6 01 D1 D2 D3 1ws 0ws D4 D5 D6 10 D2 D3 1ws 1ws 0ws D4 D5 D6 11 D3 1ws 1ws 1ws 0ws D4 D5 D6 Table 18.3 Address Latency Scheme for < 70Mhz Initial Addr Cycle X X+1 X+2 X+3 Add ws X+4 X+5 X+6 00 D0 D1 D2 D3 1ws D4 D5 D6 01 D1 D2 D3 1ws 1ws D4 D5 D6 10 D2 D3 1ws 1ws 1ws D4 D5 D6 11 D3 1ws 1ws 1ws 1ws D4 D5 D6 Table 18.4 Address Latency Scheme for < 84Mhz Initial Addrs Cycle X X+1 X+2 X+3 Add ws X+4 X+5 X+6 00 D0 D1 D2 D3 2ws D4 D5 D6 01 D1 D2 D3 1ws 2ws D4 D5 D6 10 D2 D3 1ws 1ws 2ws D4 D5 D6 11 D3 1ws 1ws 1ws 2ws D4 D5 D6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |