Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 142 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 142 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 138Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 139Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 140Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 141Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 142Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 143Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 144Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 145Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 146Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 216 page
background image
140
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
Notes:
1. RDY active with data (D8 = 0 in the Configuration Register).
2. RDY active one clock cycle before data (D8 = 1 in the Configuration Register).
3. Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60.
4. There will be an additional 4/8 wait state latency for 54/80 Mhz respectively.
Figure 25.17 Latency with Boundary Crossing
Wait State Configuration Register Setup
Note: Figure assumes address D0 is not at an address boundary.
Figure 25.18 Example of Wait States Insertion
CR1.0, CR0.13, CR0.12, CR0.11= 1101 ⇒
13 total
CR1.0, CR0.13, CR0.12, CR0.11= 1100 ⇒
12 total
CR1.0, CR0.13, CR0.12, CR0.11= 1011 ⇒
11 total
CR1.0, CR0.13, CR0.12, CR0.11= 1010 ⇒
10 total
CR1.0, CR0.13, CR0.12, CR0.11= 1001 ⇒
9 total
CR1.0, CR0.13, CR0.12, CR0.11= 1000 ⇒
8 total
CR1.0, CR0.13, CR0.12, CR0.11= 0101 ⇒
7 total
CR1.0, CR0.13, CR0.12, CR0.11= 0100 ⇒
6 total
CR1.0, CR0.13, CR0.12, CR0.11= 0011 ⇒
5 total
CR1.0, CR0.13, CR0.12, CR0.11= 0010 ⇒
4 total
CR1.0, CR0.13, CR0.12, CR0.11= 0001 ⇒
3 total
CLK
Address (hex)
C508
C509
C510
C511
C511
C512
C513
C514
C515
D508
D509
D510
D511
D512
D513
D514
(stays high)
AVD#
RDY(1)
Data
OE#,
CE#
(stays low)
Address boundary occurs every 512 words, beginning at address
0001FFh: (0002FFh, 0003FFh, etc.) Address 000000h is also a boundary crossing.
1FC
1FD
1FE
1FF
1FF
200
201
202
203
latency
RDY(2)
latency
tRACC
tRACC
tRACC
tRACC
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com