Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 144 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 144 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 140Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 141Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 142Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 143Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 144Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 145Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 146Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 147Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 148Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 216 page
background image
142
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
26 Erase and Programming Performance
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 1.8 V V
CC, 100,000 cycles typical. Additionally,
programming typically assumes a checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 1.65 V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed.
4. In the pre-programming step of the Embedded Erase algorithm, all words are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command.
See the Command Definitions table for further information on command definitions.
6. The device has a minimum erase and program cycle endurance of 100,000 cycles.
Parameter
Typ
(Note 1)
Max
(Note 2)
Unit
Comments
Sector Erase Time
256 Kword
VCC
220
s
Excludes 00h programming prior to
erasure (Note 4)
ACC
1
10
Chip Erase Time
VCC
308
616
s
ACC
262
524
Word Programming Time
VCC
<40
<400
µs
Excludes system level overhead
(Note 5)
ACC
<24
<240
Effective Word Programming
Time utilizing Program Write Buffer
VCC
<9.4
<94
µs
ACC
<6
<60
Total 32-Word BufferProgramming Time
VCC
<300
<3000
µs
ACC
<192
<1920
Chip Programming Time (Note 3)
VCC
<314.6
<629.2
s
Excludes system level overhead
(Note 5)
ACC
<201.4
<402.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com