Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 145 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 145 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 141Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 142Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 143Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 144Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 145Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 146Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 147Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 148Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 149Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 216 page
background image
Publication Number S75WS-N-00
Revision A Amendment 0 Issue Date February 17, 2005
CellularRAM
128/64/32 Megabit
Burst CellularRAM
Features
Single device supports asynchronous, page,
and burst operations
VCC Voltages
— 1.70V–1.95V VCC
Random Access Time: 70ns
Burst Mode Write Access
— Continuous burst
Burst Mode Read Access
— 4, 8, or 16 words, or continuous burst
Page Mode Read Access
— Sixteen-word page size
— Interpage Read access: 70ns
— Intrapage Read access: 20ns
Low-Power Consumption
— Asynchronous Read < 25mA
— Intrapage Read < 15mA
— Initial access, burst Read < 35mA
— Continuous burst Read < 11mA
— Standby: 180µA
— Deep power-down < 10µA
Low-Power Features
— Temperature Compensated Refresh (TCR) On-chip
sensor control
— Partial Array Refresh (PAR)
— Deep Power-Down (DPD) Mode
General Description
CellularRAM™ products are High-speed, CMOS dynamic random access memories developed for low-
power, portable applications. These devices include an industry standard burst mode Flash interface that
dramatically increases Read/Write bandwidth compared with other low-power SRAM or Pseudo SRAM
offerings.
To operate seamlessly on a burst Flash bus, CellularRAM products incorporate a transparent self-refresh
mechanism. The hidden refresh requires no additional support from the system memory controller and
has no significant impact on device Read/Write performance.
Two user-accessible control registers define device operation. The bus configuration register (BCR) de-
fines how the CellularRAM device interacts with the system memory bus and is nearly identical to its
counterpart on burst mode Flash devices. The refresh configuration register (RCR) is used to control how
refresh is performed on the DRAM array. These registers are automatically loaded with default settings
during power-up and can be updated anytime during normal operation.
Special attention has been focused on standby current consumption during self refresh. CellularRAM prod-
ucts include three mechanisms to minimize standby current. Partial array refresh (PAR) enables the
system to limit refresh to only that part of the DRAM array that contains essential data. Temperature com-
pensated refresh (TCR) adjusts the refresh rate to match the device temperature—the refresh rate
decreases at lower temperatures to minimize current consumption during standby. Deep power-down
(DPD) enables the system to halt the refresh operation altogether when no vital information is stored in
the device. The system-configurable refresh mechanisms are accessed through the RCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com