Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 167 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 167 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 163Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 164Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 165Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 166Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 167Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 168Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 169Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 170Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 171Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
165
Advance
Information
31.3.2
Deep Power-Down (RCR[4]): Default = DPD Disabled
The deep power-down bit enables and disables all refresh-related activity. This mode is used if
the system does not require the storage provided by the CellularRAM device. Any stored data will
become corrupted when DPD is enabled. When refresh activity has been re-enabled, the Cellular-
RAM device will require 150µs to perform an initialization procedure before normal operations can
resume.
Deep power-down is enabled when RCR[4] = 0, and remains enabled until RCR[4] is set to 1.
31.3.3
Temperature Compensated Refresh (RCR[6:5]): Default = +85ºC
Operation
The TCR bits allow for adequate refresh at four different temperature thresholds (+15ºC, +45ºC,
+70ºC, and +85ºC). The setting selected must be for a temperature higher than the case tem-
perature of the CellurlarRAM device. If the case temperature is +50ºC, the system can minimize
self refresh current consumption by selecting the +70ºC setting. The +15ºC and +45ºC settings
would result in inadequate refreshing and cause data corruption.
1
1
0
One-quarter of die
600000h–7FFFFFh
2 Meg x 16
32Mb
1
1
1
One-eighth of die
700000h–7FFFFFh
1 Meg x 16
16Mb
Table 31.7 64Mb Address Patterns for PAR (RCR[4] = 1)
RCR[2]
RCR[1]
RCR[0]
Active Section
Address Space
Size
Density
0
0
0
Full die
000000h–3FFFFFh
4 Meg x 16
64Mb
0
0
1
One-half of die
000000h–2FFFFFh
3 Meg x 16
48Mb
0
1
0
One-quarter of die
000000h–1FFFFFh
2 Meg x 16
32Mb
0
1
1
One-eighth of die
000000h–0FFFFFh
1 Meg x 16
16Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
One-half of die
100000h–3FFFFFh
3 Meg x 16
48Mb
1
1
0
One-quarter of die
200000h–3FFFFFh
2 Meg x 16
32Mb
1
1
1
One-eighth of die
300000h–3FFFFFh
1 Meg x 16
16Mb
Table 31.8 32Mb Address Patterns for PAR (RCR[4] = 1)
RCR[2]
RCR[1]
RCR[0]
ACTIVE SECTION
ADDRESS SPACE
SIZE
DENSITY
0
0
0
Full die
000000h–1FFFFFh
2 Meg x 16
32Mb
0
0
1
One-half of die
000000h–17FFFFh
1.5 Meg x 16
24Mb
0
1
0
One-quarter of die
000000h–0FFFFFh
1 Meg x 16
16Mb
0
1
1
One-eighth of die
000000h–07FFFFh
512K x 16
8Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
One-half of die
080000h–1FFFFFh
1.5 Meg x 16
24Mb
1
1
0
One-quarter of die
100000h–1FFFFFh
1 Meg x 16
16Mb
1
1
1
One-eighth of die
180000h–1FFFFFh
512K x 16
8Mb
Table 31.6 128Mb Address Patterns for PAR (RCR[4] = 1) (Continued)
RCR[2]
RCR[1]
RCR[0]
Active Section
Address Space
Size
Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com