Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 166 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 166 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 162Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 163Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 164Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 165Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 166Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 167Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 168Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 169Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 170Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 216 page
background image
164
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
31.2.7
Operating Mode (BCR[15]): Default = Asynchronous Operation
The operating mode bit selects either synchronous burst operation or the default asynchronous
mode of operation.
31.3
Refresh Configuration Register
The refresh configuration register (RCR) defines how the CellularRAM device performs its trans-
parent self refresh. Altering the refresh parameters can dramatically reduce current consumption
during standby mode. Page mode control is also embedded into the RCR. Table 31.5 below de-
scribes the control bits used in the RCR. At power-up, the RCR is set to 0070h. The RCR is
accessed using CRE and A[19] Low.
31.3.1
Partial Array Refresh (RCR[2:0]): Default = Full Array Refresh
The PAR bits restrict refresh operation to a portion of the total memory array. This feature allows
the device to reduce standby current by refreshing only that part of the memory array required
by the host system. The refresh options are full array, one-half array, one-quarter array, three-
quarters array, or none of the array. The mapping of these partitions can start at either the be-
ginning or the end of the address map (see Table 31.6 through Table 31.8).
Table 31.5 Refresh Configuration Register Mapping
Table 31.6 128Mb Address Patterns for PAR (RCR[4] = 1)
RCR[2]
RCR[1]
RCR[0]
Active Section
Address Space
Size
Density
0
0
0
Full die
000000h–7FFFFFh
8 Meg x 16
128Mb
0
0
1
One-half of die
000000h–3FFFFFh
4 Meg x 16
64Mb
0
1
0
One-quarter of die
000000h–1FFFFFh
2 Meg x 16
32Mb
0
1
1
One-eighth of die
000000h–0FFFFFh
1 Meg x 16
16Mb
1
0
0
None of die
0
0 Meg x 16
0Mb
1
0
1
One-half of die
400000h–7FFFFFh
4 Meg x 16
64Mb
PAR
A4
A3
A2
A1
A0
Read Configuration
Register
Address Bus
A5
A6
All must be set to "0"
0
1
Deep Power-Down
DPD Enable
DPD Disable (default)
RCR[4]
A[18:8]
Register
Select
Reserved
Reserved
Reserved
TCR
A[22:20]
A19
0
1
Register Select
Select RCR
Select BCR
RCR[19]
All must be set to "0"
RCR[1] RCR[0]
Refresh Coverage
RCR[2]
0
0
Full array (default)
0
0
1
Bottom 1/2 array
0
1
0
Bottom 1/4 array
0
1
1
Bottom 1/8 array
0
01
1
Top 1/2 array
10
1
Top 1/4 array
DPD
Must be set to "0"
A7
Page
0
1
Page Mode Enable/Disable
Page Mode Disabled (default)
Page Mode Enable
RCR[7]
4
51
2
30
6
18–8
19
22–20
7
1
None of array
00
1
Top 3/4 array
11
RCR[6]
RCR[5]
Maximum Case Temp
+85ºC (default)
11
00
01
10
+70ºC
+45ºC
+15ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com