Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 170 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 170 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 166Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 167Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 168Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 169Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 170Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 171Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 172Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 173Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 174Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 216 page
background image
168
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
33 DC Characteristics
Notes:
1. Wireless Temperature (-25ºC < TC < +85ºC); Industrial Temperature (-40ºC < TC < +85ºC).
2. Input signals may overshoot to VCCQ + 1.0V for periods less than 2ns during transitions.
3. Input signals may undershoot to VSS - 1.0V for periods less than 2ns during transitions.
4. BCR[5:4] = 00b.
5. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add the current required to drive
output capacitance expected in the actual system.
6. ISB (MAX) values measured with PAR set to FULL ARRAY and TCR set to +85°C. To achieve Low standby current, all inputs must be driven
to either VCCQ or VSS.
Table 33.1 Electrical Characteristics and Operating Conditions
Description
Conditions
Symbol
Min
Max
Units
Notes
Supply Voltage
VCC
1.70
1.95
V
I/O Supply Voltage
VCCQ
W: 1.8V
1.70
1.95
V
J: 1.5V
1.35
1.65
V
Input High Voltage
VIH
VCCQ - 0.4
VCCQ + 0.2
V
2
Input Low Voltage
VIL
-0.20
0.4
V
3
Output High Voltage
IOH = -0.2mA
VOH
0.80 VCCQV
4
Output Low Voltage
IOL = +0.2mA
VOL
0.20 VCCQV
4
Input Leakage Current
VIN = 0 to VCCQILI
1µA
Output Leakage Current
OE# = VIH or
Chip Disabled
ILO
1µA
Operating Current
Asynchronous Random Read
VIN = VCCQ or 0V
Chip Enabled,
IOUT = 0
ICC1
-70
25
mA
5
-85
20
Asynchronous Page Read
-70
15
-85
12
Initial Access, Burst Read
VIN = VCCQ or 0V
Chip Enabled,
IOUT = 0
ICC1
80 MHz
35
mA
5
66 MHz
30
Continuous Burst Read
80 MHz
18
66 MHz
15
Write Operating Current
VIN = VCCQ or 0V
Chip Enabled
ICC2
-70
25
mA
-85
20
Standby Current
VIN = VCCQ or 0V
CE# = VCCQ
ISB
128 M
180
µA
6
64 M
120
32 M
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com