Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 172 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 172 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 168Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 169Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 170Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 171Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 172Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 173Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 174Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 175Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 176Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 216 page
background image
170
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
34 AC Characteristics
Notes:
1. AC test inputs are driven at VCCQ for a logic 1 and VSS for a logic 0. Input rise and fall times (10% to 90%) < 1.6ns.
2. Input timing begins at VCCQ/2.
3. Output timing ends at VCCQ/2.
Figure 34.1 AC Input/Output Reference Waveform
Note: All tests are performed with the outputs configured for full drive strength (BCR[5] = 0).
Figure 34.2 Output Load Circuit
Table 34.1 Output Load Circuit
VCCQR1/R2
1.8V
2.7K Ω
Output
Test Points
Input
(Note 1)
VCCQ
VSS
VCCQ/2
(Note 2)
VCCQ/2
(Note 3)
DUT
VCCQ
R1
R2
30pF
Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com