Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 173 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 173 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 169Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 170Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 171Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 172Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 173Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 174Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 175Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 176Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 177Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
171
Advance
Information
Notes:
1. All tests are performed with the outputs configured for full drive strength (BCR[5] = 0).
2. See How Extended Timings Impact CellularRAM™ Operation below.
3. High-Z to Low-Z timings are tested with the circuit shown in Figure 34.2. The Low-Z timings measure a
4. 100mV transition away from the High-Z (VCCQ/2) level toward either VOH or VOL.
5. Low-Z to High-Z timings are tested with the circuit shown in Figure 34.2. The High-Z timings measure a 100mV transition from either VOH
or VOL toward VCCQ/2.
Table 34.2 Asynchronous Read Cycle Timing Requirements
Parameter
Symbol
85ns/66 MHz
70ns/80 MHz
Units
Notes
Min
Max
Min
Max
Address Access Time
tAA
85
70
ns
ADV# Access Time
tAADV
85
70
ns
Page Access Time
tAPA
25
20
ns
Address Hold from ADV# High
tAVH
55
ns
Address Setup to ADV# High
tAVS
10
10
ns
LB#/UB# Access Time
tBA
85
70
ns
LB#/UB# Disable to DQ High-Z Output
tBHZ
88
ns
4
LB#/UB# Enable to Low-Z Output
tBLZ
10
10
ns
3
CE# High between Subsequent Mixed-Mode Operations
tCBPH
55
ns
Maximum CE# Pulse Width
tCEM
44
µs
2
CE# Low to Wait Valid
tCEW
1
7.517.5
ns
Chip Select Access Time
tCO
85
70
ns
CE# Low to ADV# High
tCVS
10
10
ns
Chip Disable to DQ and Wait High-Z Output
tHZ
88
ns
4
Chip Enable to Low-Z Output
tLZ
10
10
ns
3
Output Enable to Valid Output
tOE
20
20
ns
Output Hold from Address Change
tOH
55
ns
Output Disable to DQ High-Z Output
tOHZ
88
ns
4
Output Enable to Low-Z Output
tOLZ
55
ns
3
Page Cycle Time
tPC
25
20
ns
Read Cycle Time
tRC
85
70
ns
ADV# Pulse Width Low
tVP
10
10
ns
ADV# Pulse Width High
tVPH
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com