Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 176 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 176 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 172Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 173Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 174Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 175Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 176Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 177Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 178Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 179Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 180Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 216 page
background image
174
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
34.1 Timing Diagrams
Table 34.5 Burst Write Cycle Timing Requirements
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
CE# High between Subsequent Mixed-Mode Operations
tCBPH
55
ns
CE# Low to Wait Valid
tCEW
1
7.5
1
7.5
ns
Clock Period
tCLK
12.5
15
ns
CE# Setup to CLK Active Edge
tCSP
45
ns
Hold Time from Active CLK Edge
tHD
22
ns
Chip Disable to Wait High-Z Output
tHZ
88
ns
CLK Rise or Fall Time
tKHKL
1.6
1.6
ns
Clock to Wait Valid
tKHTL
911
ns
CLK High or Low Time
tKP
33
ns
Setup Time to Activate CLK Edge
tSP
33
ns
Figure 34.3 Initialization Period
Table 34.1 Initialization Timing Parameters
Parameter
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Notes
Min
Max
Min
Max
Initialization Period (required before normal operations)
tPU
150
150
µs
tPU
VCC, VCCQ = 1.7V
VCC (MIN)
Device ready for
normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com