Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 200 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 200 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 196Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 197Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 198Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 199Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 200Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 201Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 202Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 203Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 204Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 216 page
background image
198
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Table 34.15 Burst Write Timing Parameters
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tCBPH
55
ns
tCEW
17.517.5
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tHZ
88
ns
tKHKL
1.6
1.6
ns
tKHTL
911
ns
tKP
33
ns
tSP
33
ns
Notes:
1. Non-default BCR settings: Latency code two (three clocks); Wait active Low; Wait asserted during delay.
2. Wait will assert LC + 1 or 2LC + 1 cycles for variable latency (depending upon refresh status).
Figure 34.16 Continuous Burst Write Showing an Output Delay with BCR[8] = 0 for End-of-Row Condition
Don't Care
Legend:
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
WAIT
tCLK
VIH
VIL
CLK
(Note 2)
VIH
VIL
OE#
tOHZ
VIH
VIL
WE#
tKHTL
tKHTL
VOH
VOL
DQ[15:0]
tHD
tSP
Valid Input
D[n]
Valid Input
D[n+1]
Valid Input
D[n+3]
Valid Input
D[n+2]
END OF ROW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com