Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 202 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 202 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 198Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 199Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 200Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 201Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 202Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 203Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 204Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 205Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 206Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 216 page
background image
200
S75WS256Nxx Based MCPs
S75WS-N-00_A0 February 17, 2005
Ad van c e
Inf o rmation
Table 34.18 Read Timing Parameters—Burst Write Followed by Burst Read
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tACLK
911
ns
tBOE
20
20
ns
tCLK
12.5
15
ns
tCSP
45
ns
tHD
22
ns
tKOH
22
ns
tOHZ
88
ns
tSP
33
ns
Notes:
1. Non-default BCR settings: Latency code two (three clocks); Wait active Low; Wait asserted during delay.
1. When transitioning between asynchronous and variable-latency burst operations, CE# must go High. If CE# goes High, it must remain High
for at least 5ns (tCBPH) to schedule the appropriate internal refresh operation. See How Extended Timings Impact CellularRAM™ Operation
for restrictions on the maximum CE# Low time (tCEM).
Figure 34.18 Asynchronous Write Followed by Burst Read
tOHZ
High-Z
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tCSP
tSP
tHD
VIH
VIL
OE#
WE#
tSP
tHD
tCLK
VIH
VIL
CLK
tBOE
Valid
Address
tWC
tWC
(Note 2)
tWP tWPH
tSP
tHD
Valid
Output
Valid
Output
Valid
Output
Valid
Output
VOH
VOL
tKOH
tACLK
High-Z
Don't Care
Undefined
Legend:
Valid
Address
Valid
Address
tCKA
tSP
tHD
tBW
tCW
tAW
tWR
tCBPH
tWC
tCEW
DATA
tWHZ
DATA
tVPH
tAVS
tAVH
tVP
tVS
tCVS
tAS
tDH
tDW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com