Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 201 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 201 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 197Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 198Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 199Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 200Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 201Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 202Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 203Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 204Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 205Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
199
Advance
Information
Table 34.16 Burst Write Timing Parameters—BCR[8] = 0
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tCLK
12.5
15
ns
tHD
22
ns
tKHTL
811
ns
tSP
33
ns
Notes:
1. Non-default BCR settings: Latency code two (three clocks); Wait active Low; Wait asserted during delay.
1. To allow self-refresh operations to occur between transactions, CE# must remain High for at least 5ns (tCBPH) to schedule the appropriate
internal refresh operation. CE# can stay Low between burst Read and burst Write operations. See How Extended Timings Impact
CellularRAM™ Operation for restrictions on the maximum CE# Low time (tCEM).
Figure 34.17 Burst Write Followed by Burst Read
Table 34.17 Write Timing Parameters—Burst Write Followed by Burst Read
Symbol
70ns/80 MHz
85ns/66 MHz
Units
Min
Max
Min
Max
tCBPH
55
ns
tCLK
12.5
20
15
20
ns
tCSP
4
20520
ns
tHD
22
ns
tSP
33
ns
tOHZ
High-Z
High-Z
tCBPH
High-Z
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
A[22:0]
ADV#
CE#
LB#/UB#
DQ[15:0]
WAIT
tSP
tCSP
tSP
tHD
tHD
VIH
VIL
OE#
WE#
tSP tHD
tCLK
VIH
VIL
CLK
tHD
tBOE
Valid
Address
tSP
tHD
Valid
Address
tSP
tHD
(Note 2) tCSP
tSP tHD
tSP
tHD
D[0]
D[3]
D[2]
D[1]
Valid
Output
Valid
Output
Valid
Output
Valid
Output
VOH
VOL
tKOH
tACLK
tSP tHD
High-Z
Don't Care
Undefined
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com