Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 81 page
background image
GD32F310xx Datasheet
16
2.5
Clock tree
Figure 2-7. GD32F310xx clock tree
/2
4- 32 MHz
HXTAL
8 MHz
IRC8M
×2,3,4
,64
PLL
Clock
Monit or
PLLSEL
PREDV
0
1
00
01
10
CK_IRC8M
CK_HXTAL
CK_PLL
CK_ SYS
72 MHz max
AHB
Prescaler
÷1,2... 512
CK_ AHB
72 MHz max
APB1
Prescaler
÷1,2,4,8,16
TIMER1,2,5,13
if(APB1 prescaler
=1) = AHB
else
= AHB / (APB1
prescaler /2)
APB2
Prescaler
÷1,2,4,8,16
CK_ APB2
36 MHz max
Peripheral enable
PCLK2
to APB2 peripherals
CK_ APB1
36 MHz max
Peripheral enable
PCLK1
to APB1 peripherals
TIMERx
enable
CK_TIMERx
to TIMER0,14,15,16
TIMERx
enable
CK_TIMERx
to TIMER 2,13
AHB enable
HCLK
( to AHB bus, Cortex-M4, SRAM, DMA)
FMC enable
( by hardware)
CK_FMC
( to FMC)
÷8
CK_ CST
( to Cortex-M 4 SysTick)
FCLK
( free running clock
)
32. 768 KHz
LXTAL
11
10
01
40 KHz
IRC40K
CK_ RTC
CK_F WDGT
( to RTC)
( to F WDGT)
/32
CK_ LXTAL
CK_PLL
CK_ HXTAL
CK_ IRC8M
CK_ OUT
SCS[1:0]
RTCSRC[1:0]
÷1,2.
..16
CK_I2S
(to I2S)
CK_SYS
CK_ IRC40K
CK_IRC28M
0
/1,2
÷1,2,4... 128
CKOUTDIV
48 MHz
48 MHz
IRC48M
CTC
CK_ CTC
CK_ IRC48M
CK_IRC48M
PLLPRESEL
1
0
PLLMF
IRC
CK
XTAL
_
CK_
_
CK SYS
10
01
00
M
8
L
11
CK USART
_
0
0
to USART
28 MHz
28M
IRC
CK_ ADC to ADC
40 MHz max
ADCSEL
1
0
ADC
Prescaler
÷ ,
3 5,
ADC
Prescaler
÷ ,
2 4, ,
6 8
7,9
÷ 2
1,
TIMER0,14,15,16
if(APB2 prescaler
=1) = AHB
else
= AHB / (APB2
prescaler /2)
Note:
If the APB prescaler is 1, the timer clock frequencies are set to AHB frequency divide by 1.
Otherwise, they are set to the AHB frequency divide by half of APB prescaler.
Legend:
HXTAL: High speed crystal oscillator
LXTAL: Low speed crystal oscillator
IRC8M: Internal 8M RC oscillators
IRC40K: Internal 40K RC oscillator
IRC48M: Internal 48M RC oscillator
IRC28M: Internal 28M RC oscillators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com