Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 51 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
GD32F310xx Datasheet
50
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHXTALH(2)
OSCIN input pin high level voltage
VDD = 3.3 V
0.7 VDD
—
VDD
V
VHXTALL(2)
OSCIN input pin low level voltage
VSS
— 0.3 VDD
tH/L(HXTAL)(2)
OSCIN high or low time
—
5
—
—
ns
tR/F(HXTAL)(2)
OSCIN rise or fall time
—
—
—
10
CIN(2)
OSCIN input capacitance
—
—
5
—
pF
Ducy(HXTAL) (2)
Duty cycle
—
30
50
70
%
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
Table 4-16. Low speed external clock (LXTAL) generated from a crystal/ceramic
characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLXTAL(1)
Crystal or ceramic frequency
—
—
32.768
—
kHz
CLXTAL(2)(3)
Recommended matching
capacitance on OSC32IN
and OSC32OUT
—
—
15
—
pF
Ducy(LXTAL)(2) Crystal or ceramic duty cycle
—
30
—
70
%
gm(2)
Oscillator transconductance
Lower driving
capability
—
4
—
μA/V
Medium low driving
capability
—
6
—
Medium high driving
capability
—
12
—
Higher driving
capability
—
18
—
IDDLXTAL (1)
Crystal or ceramic operating
current
Lower driving
capability
—
0.8
—
μA
Medium low driving
capability
—
0.9
—
Medium high driving
capability
—
1.3
—
Higher driving
capability
—
1.8
—
tSULXTAL(1)(4)
Crystal or ceramic startup
time
—
—
0.8
—
s
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
(3)
CLXTAL1 = CLXTAL2 = 2*(CLOAD - CS), For CLXTAL1 and CLXTAL2, it is recommended matching capacitance on OSC32IN
and OSC32OUT. For CLOAD, it is crystal/ceramic load capacitance, provided by the crystal or ceramic
manufacturer. For CS, it is PCB and MCU pin stray capacitance.
(4)
tSULXTAL is the startup time measured from the moment it is enabled (by software) to the 32.768 kHz oscillator
stabilization flags is SET. This value varies significantly with the crystal manufacturer.
Table 4-17. Low speed external user clock characteristics (LXTAL in bypass mode)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLXTAL_ext(1)
External clock source or oscillator VDD = 3.3 V
—
32.768 1000
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com