Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 55 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
GD32F310xx Datasheet
54
(2)
For grade 6 devices, TA range= -40°C ~ +85°C. For grade 7 devices, TA range= -40°C ~ +105°C.
4.11
NRST pin characteristics
Table 4-24. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)(1)
NRST Input low level voltage
2.6 V ≤ VDD = VDDA ≤
3.6 V
-0.5
—
0.3 VDD
V
VIH(NRST)(1)
NRST Input high level voltage
0.7 VDD
—
VDD + 0.5
Vhyst(2)
Schmidt trigger Voltage hysteresis
—
360
—
mV
Rpu(2)
Pull-up equivalent resistor
—
—
40
—
kΩ
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
Figure 4-4. Recommended external NRST pin circuit(1)
NRST
VDD
Ext ernal reset circuit
RPU
10 k
Ω
VDD
GND
100 nF
K
(1)
Unless the voltage on NRST pin go below
VIL(NRST) level, the device would not generate a reliable reset.
4.12
GPIO characteristics
Table 4-25. I/O port DC characteristics(1)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Standard IO Low level input
voltage
2.6 V ≤ VDD = VDDA ≤ 3.6 V
—
—
0.3 VDD
V
5V-tolerant IO Low level
input voltage
2.6 V ≤ VDD = VDDA ≤ 3.6 V
—
—
0.3 VDD
V
VIH
Standard IO High level
input voltage
2.6 V ≤ VDD = VDDA ≤ 3.6 V
0.7 VDD
—
—
V
5V-tolerant IO High level
input voltage
2.6 V ≤ VDD = VDDA ≤ 3.6 V
0.7 VDD
—
—
V
VOL
Low level output voltage
for 8 IO Pins
(each IIO = +8 mA)
VDD = 2.6 V
—
0.14
—
V
VDD = 3.3 V
—
0.13
—
VDD = 3.6 V
—
0.12
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com