Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
GD32F310xx Datasheet
58
4.14
Temperature sensor characteristics
Table 4-33. Temperature sensor characteristics(1)
Symbol
Parameter
Min
Typ
Max
Unit
TL
VSENSE linearity with temperature
—
±1.5
—
℃
Avg_Slope
Average slope
—
4.3
—
mV/℃
V25
Voltage at 25 °C
—
1.45
—
V
tS_temp (2)
ADC sampling time when reading the temperature
—
17.1
—
μs
(1)
Based on characterization, not tested in production.
(2)
Shortest sampling time can be determined in the application by multiple iterations.
4.15
I2C characteristics
Table 4-34. I2C characteristics(1)(2)(3)
Symbol
Parameter
Conditions
Standard
mode
Fast mode
Fast mode
plus
Unit
Min
Max
Min
Max
Min
Max
tSCL(H)
SCL clock high
time
—
4.0
—
0.6
—
0.2
—
μs
tSCL(L)
SCL clock low
time
—
4.7
—
1.3
—
0.5
—
μs
tSU(SDA)
SDA setup time
—
250
—
100
—
50
—
ns
tH(SDA)
SDA data hold
time
—
0(3)
3450
0
900
0
450
ns
tR(SDA/SCL)
SDA and SCL
rise time
—
—
1000
—
300
—
120
ns
tF(SDA/SCL)
SDA and SCL
fall time
—
—
300
—
300
—
120
ns
tH(STA)
Start condition
hold time
—
4.0
—
0.6
—
0.26
—
μs
tSU(STA)
Repeated Start
condition
setup time
—
4.7
—
0.6
—
0.26
—
μs
tSU(STO)
Stop condition
setup time
—
4.0
—
0.6
—
0.26
—
μs
tBUFF
Stop to Start
condition time
(bus free)
—
4.7
—
1.3
—
0.5
—
μs
(1)
Guaranteed by design, not tested in production.
(2)
To ensure the standard mode I2C frequency, fPCLK1 must be at least 2 MHz. To ensure the fast mode I2C
frequency, fPCLK1 must be at least 4 MHz. To ensure the fast mode plus I2C frequency, fPCLK1 must be at least
a multiple of 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com