Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
GD32F310xx Datasheet
55
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
for 8 IO Pins
(each IIO = +20 mA)
VDD = 2.6 V
—
0.36
—
V
VDD = 3.3 V
—
0.32
—
VDD = 3.6 V
—
0.31
—
VOH
High level output voltage
for 8 IO Pins
(each IIO = +8 mA)
VDD = 2.6 V
—
2.42
—
V
VDD = 3.3 V
—
3.16
—
VDD = 3.6 V
—
3.47
—
VOH
High level output voltage
for 8 IO Pins
(each IIO = +20 mA)
VDD = 2.6 V
—
2.15
—
V
VDD = 3.3 V
—
2.92
—
VDD = 3.6 V
—
3.24
—
RPU(2)
Internal pull-
up resistor
All pins
VIN = VSS
30
40
50
kΩ
PA10
—
7.5
10
13.5
kΩ
RPD(2)
Internal pull-
down resistor
All pins
VIN = VDD
30
40
50
kΩ
PA10
—
7.5
10
13.5
kΩ
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
(3)
All pins except PC13 / PC14 / PC15. Since PC13 to PC15 are supplied through the Power Switch, which can
only be obtained by a small current(typical source capability:3 mA shared between these IOs, but sink capability
is same as other IO), the speed of GPIOs PC13 to PC15 should not exceed 2 MHz when they are in output
mode(maximum load: 30 pF).
Table 4-26. I/O port AC characteristics(1)(2)
GPIOx_OSPD[1:0] bit value(3)
Parameter
Conditions
Typ
Unit
GPIOx_OSPD0->OSPDy[1:0] = X0
(IO_Speed = 2 MHz)
TRise/TFall
2.6 ≤ VDD ≤ 3.6 V, CL = 10 pF
36.82
ns
2.6 ≤ VDD ≤ 3.6 V, CL = 30 pF
43.91
2.6 ≤ VDD ≤ 3.6 V, CL = 50 pF
49.92
GPIOx_OSPD0->OSPDy[1:0] = 01
(IO_Speed = 10 MHz)
TRise/TFall
2.6 ≤ VDD ≤ 3.6 V, CL = 10 pF
9.27
ns
2.6 ≤ VDD ≤ 3.6 V, CL = 30 pF
10.46
2.6 ≤ VDD ≤ 3.6 V, CL = 50 pF
11.72
GPIOx_OSPD0->OSPDy[1:0] = 11
(IO_Speed = 50 MHz)
TRise/TFall
2.6 ≤ VDD ≤ 3.6 V, CL = 10 pF
1.66
ns
2.6 ≤ VDD ≤ 3.6V, CL = 30 pF
2.43
2.6 ≤ VDD ≤ 3.6 V, CL = 50 pF
3.2
GPIOx_OSPD0->OSPDy[1:0] = 11 and
GPIOx_OSPD1->SPDy = 1
(IO_Speed mode = MAX)
TRise/TFall
2.6 ≤ VDD ≤ 3.6 V, CL = 10 pF
1.36
ns
2.6 ≤ VDD ≤ 3.6V, CL = 30 pF
2.11
2.6 ≤ VDD ≤ 3.6 V, CL = 50 pF
2.8
(1)
Based on characterization, not tested in production.
(2)
Unless otherwise specified, all test results given for TA = 25 ℃.
(3)
The I/O speed is configured using the GPIOx_OSPD0->OSPDy [1:0] bits. Refer to the GD32F3x0 user manual
which is selected to set the GPIO port output speed.
(4)
The maximum frequency is defined in Figure 4-5. I/O port AC characteristics definition, and maximum
frequency cannot exceed
72 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com