Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 45 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
GD32F310xx Datasheet
44
Symbol
Parameter
Conditions
Min Typ(1)
Max
Unit
IBAT
Battery supply
current
VDD off, VDDA off, VBAT = 3.6 V, LXTAL on
with external crystal, RTC on, LXTAL High
driving
—
2.32
—
μA
VDD off, VDDA off, VBAT = 3.3 V, LXTAL on
with external crystal, RTC on, LXTAL High
driving
—
2.10
—
μA
VDD off, VDDA off, VBAT = 2.6 V, LXTAL on
with external crystal, RTC on, LXTAL High
driving
—
1.85
—
μA
VDD off, VDDA off, VBAT = 3.6 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium High driving
—
1.90
—
μA
VDD off, VDDA off, VBAT = 3.3 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium High driving
—
1.68
—
μA
VDD off, VDDA off, VBAT = 2.6 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium High driving
—
1.44
—
μA
VDD off, VDDA off, VBAT = 3.6 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium Low driving
—
1.47
—
μA
VDD off, VDDA off, VBAT = 3.3 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium Low driving
—
1.24
—
μA
VDD off, VDDA off, VBAT = 2.6 V, LXTAL on
with external crystal, RTC on, LXTAL
Medium Low driving
—
1.01
—
μA
VDD off, VDDA off, VBAT = 3.6 V, LXTAL on
with external crystal, RTC on, LXTAL Low
driving
—
1.32
—
μA
VDD off, VDDA off, VBAT = 3.3 V, LXTAL on
with external crystal, RTC on, LXTAL Low
driving
—
1.12
—
μA
VDD off, VDDA off, VBAT = 2.6 V, LXTAL on
with external crystal, RTC on, LXTAL Low
driving
—
0.88
—
μA
(1)
Based on characterization, not tested in production.
(2)
Unless otherwise specified, all values given for TA = 25
℃ and test result is mean value.
(3)
When System Clock is less than 4 MHz, an external source is used, and the HXTAL bypass function is needed,
no PLL.
(4)
When System Clock is greater than 8 MHz, a crystal 8 MHz is used, and the HXTAL bypass function is closed,
using PLL.
(5)
When analog peripheral blocks such as ADCs, HXTAL, LXTAL, IRC8M, or IRC40K are ON, an additional power
consumption should be considered.
(6)
All GPIOs are configured as analog mode except standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com