Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 44 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 81 page
background image
GD32F310xx Datasheet
43
Symbol
Parameter
Conditions
Min Typ(1)
Max
Unit
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 24 MHz, All
peripherals disabled
—
2.60
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 16 MHz, All
peripherals enabled
—
3.18
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 16 MHz, All
peripherals disabled
—
2.23
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 8 MHz, All
peripherals enabled
—
2.38
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz, CPU
clock off, System clock = 8 MHz, All
peripherals disabled
—
1.82
—
mA
VDD = VDDA = 3.3 V, HXTAL = 4 MHz, CPU
clock off, System clock = 4 MHz, All
peripherals enabled
—
0.77
—
mA
VDD = VDDA = 3.3 V, HXTAL = 4 MHz, CPU
clock off, System clock = 4 MHz, All
peripherals disabled
—
0.49
—
mA
VDD = VDDA = 3.3 V, HXTAL = 2 MHz, CPU
clock off, System clock = 2 MHz, All
peripherals enabled
—
0.52
—
mA
VDD = VDDA = 3.3 V, HXTAL = 2 MHz,
CPU clock off, System clock =2 MHz, All
peripherals disabled
—
0.38
—
mA
Supply current
(Deep-sleep
mode)
VDD = VDDA = 3.3 V, LDO in normal power
and normal driver mode, IRC40K off, RTC
off
— 172.26 330.00 μA
VDD = VDDA = 3.3 V, LDO in low power and
normal driver mode, IRC40K off, RTC off
— 120.37 278.11(1) μA
VDD = VDDA = 3.3 V, LDO in normal power
and low driver mode, IRC40K off, RTC off
— 146.29304.03(1) μA
VDD = VDDA = 3.3 V, LDO in low power and
low driver mode, IRC40K off, RTC off
— 94.66 252.40(1) μA
Supply current
(Standby mode)
VDD = VDDA = 3.3 V, LXTAL off, IRC40K on,
RTC on
—
6.96 13.16(1) μA
VDD = VDDA = 3.3 V, LXTAL off, IRC40K on,
RTC off
—
6.63 12.83(1) μA
VDD = VDDA = 3.3 V, LXTAL off, IRC40K off,
RTC off, VDDA Monitor on
—
5.90
12.10
μA
VDD = VDDA = 3.3 V, LXTAL off, IRC40K off,
RTC off, VDDA Monitor off
—
3.69
9.89(1)
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com