Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 23 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
GD32F310xx Datasheet
22
(2) I/O Level: 5VT = 5 V tolerant.
(3) Functions are available on GD32F310K8/6 devices.
(4) Functions are available on GD32F310K8 devices only.
2.6.3
GD32F310KxU6 QFN32 pin definitions
Table 2-6. GD32F310KxU6 QFN32 pin definitions
GD32F310KxU6 QFN32
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
VDD
1
P
Default: VDD
PF0-OSCIN
2
I/O
5VT
Default: PF0
Alternate: CTC_SYNC
Additional: OSCIN
PF1-
OSCOUT
3
I/O
5VT
Default: PF1
Additional: OSCOUT
NRST
4
I/O
Default: NRST
VDDA
5
P
Default: VDDA
PA0-WKUP
6
I/O
Default: PA0
Alternate: USART1_CTS(3), I2C1_SCL(4)
Additional: ADC_IN0, RTC_TAMP1, WKUP0
PA1
7
I/O
Default: PA1
Alternate: USART1_RTS(3), I2C1_SDA(4), EVENTOUT
Additional: ADC_IN1
PA2
8
I/O
Default: PA2
Alternate: USART1_TX(3), TIMER14_CH0(4)
Additional: ADC_IN2
PA3
9
I/O
Default: PA3
Alternate: USART1_RX(3), TIMER14_CH1(4)
Additional: ADC_IN3
PA4
10
I/O
Default: PA4
Alternate:
SPI0_NSS,
I2S0_WS,
USART1_CK(3),
TIMER13_CH0, SPI1_NSS(4)
Additional: ADC_IN4
PA5
11
I/O
Default: PA5
Alternate: SPI0_SCK, I2S0_CK
Additional: ADC_IN5
PA6
12
I/O
Default: PA6
Alternate:
SPI0_MISO,
I2S0_MCK,
TIMER2_CH0,
TIMER0_BRKIN, TIMER15_CH0, EVENTOUT
Additional: ADC_IN6
PA7
13
I/O
Default: PA7
Alternate:
SPI0_MOSI,
I2S0_SD,
TIMER2_CH1,
TIMER13_CH0,
TIMER0_CH0_ON,
TIMER16_CH0,
EVENTOUT
Additional: ADC_IN7
PB0
14
I/O
Default: PB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com