Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
GD32F310xx Datasheet
47
characteristics(1), The electromagnetic field emitted by the device are monitored while an
application, executing EEMBC code, is running. The test is compliant with SAE J1752-3:2017
standard which specifies the test board and the pin loading.
Table 4-10. EMI characteristics(1)
Symbol
Parameter
Conditions
Tested
frequency band
Max vs.
[fHXTAL/fHCLK]
Unit
8/72 MHz
SEMI
Peak level
VDD = 3.6 V, TA = +25 °C,
LQFP48, fHCLK = 72 MHz,
conforms to SAE J1752-
3:2017
0.15 to 30 MHz
-1.19
dB
μV
30 to 130 MHz
3.08
130 MHz to 1GHz
8.82
(1)
Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com