Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 47 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
GD32F310xx Datasheet
46
Peripherials(3)
Typical consumption(1)
Unit
GPIOD
0.10
GPIOC
0.13
GPIOB
0.13
GPIOA
0.13
APB2
TIMER16
0.24
TIMER15
0.24
TIMER14
0.31
USART0
0.41
TIMER0
0.50
SPI0
0.19
ADC(2)
0.91
APB1
PMU
0.31
I2C1
0.17
I2C0
0.17
USART1
0.15
SPI1
0.12
WWDGT
0.11
TIMER13
0.15
TIMER2
0.29
I2S0
0.17
(1)
Based on characterization, not tested in production.
(2)
System clock = fHCLK = 72 MHz, fAPB1 = fHCLK/2, fAPB2 = fHCLK, fADCCLK = fAPB2/2, ADCON bit is set to 1.
(3)
If there is no other description, then HXTAL = 8 MHz, System clock = fHCLK = 72 MHz, fAPB1 = fHCLK/2, fAPB2 =
fHCLK.
4.4
EMC characteristics
EMS (electromagnetic susceptibility) includes ESD (Electrostatic discharge, positive and
negative) and FTB (Burst of Fast Transient voltage, positive and negative) testing result is
given in Table 4-9. EMS characteristics(1), based on the EMS levels and classes compliant
with IEC 61000 series standard.
Table 4-9. EMS characteristics(1)
Symbol
Parameter
Conditions
Level/Class
VESD
Voltage applied to all device pins to
induce a functional disturbance
VDD = 3.3 V, TA = 25 °C,
LQFP48, fHCLK = 72 MHz
conforms to IEC 61000-4-2
3A
VFTB
Fast transient voltage burst applied to
induce a functional disturbance through
100 pF on VDD and VSS pins
VDD = 3.3 V, TA = 25 °C,
LQFP48, fHCLK = 72 MHz
conforms to IEC 61000-4-4
3A
(1)
Based on characterization, not tested in production.
EMI (Electromagnetic Interference) emission test result is given in the Table 4-10. EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com