Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 42 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
GD32F310xx Datasheet
41
Table 4-6. Power saving mode wakeup timings characteristics(1)(2)
Symbol
Parameter
Typ
Unit
tSleep
Wakeup from Sleep mode
2.8
μs
tDeep-sleep
Wakeup from Deep-sleep mode(LDO On)
3.6
Wakeup from Deep-sleep mode(LDO in low power mode)
3.6
tStandby
Wakeup from Standby mode
31.6
ms
(1)
Based on characterization, not tested in production.
(2)
The wakeup time is measured from the wakeup event to the point at which the application code reads the first
instruction under the below conditions: VDD = VDDA = 3.3 V, IRC8M = System clock = 8 MHz.
4.3
Power consumption
The power measurements specified in the tables represent that code with data executing from
on-chip Flash with the following specifications.
Table 4-7.Power consumption characteristics(2)(3)(3)(4)(5)(6)
Symbol
Parameter
Conditions
Min Typ(1)
Max
Unit
IDD + IDDA
Supply current
(Run mode)
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 72 MHz, All peripherals
enabled
— 14.64
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 72 MHz, All peripherals
disabled
— 10.91
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 48 MHz, All peripherals
enabled
— 10.29
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 48 MHz, All peripherals
disabled
—
7.80
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 36 MHz, All peripherals
enabled
—
8.10
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 36 MHz, All peripherals
disabled
—
6.23
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 24 MHz, All peripherals
enabled
—
5.91
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 24 MHz, All peripherals
disabled
—
4.67
—
mA
VDD = VDDA = 3.3 V, HXTAL = 8 MHz,
System clock = 16 MHz, All peripherals
enabled
—
4.45
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com