Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 35 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
GD32F310xx Datasheet
34
the internal boot ROM memory (system memory). It is used to reprogram the Flash memory
by using USART0 (PA9 and PA10) or USART1 (PA14 and PA15).
3.5
Power saving modes
The MCU supports three kinds of power saving modes to achieve even lower power
consumption. They are sleep mode, deep-sleep mode, and standby mode. These operating
modes reduce the power consumption and allow the application to achieve the best balance
between the CPU operating time, speed and power consumption.
Sleep mode
In sleep mode, only the clock of CPU core is off. All peripherals continue to operate and
any interrupt/event can wake up the system.
Deep-sleep mode
In deep-sleep mode, all clocks in the 1.2V domain are off, and all of the high speed
crystal oscillator (IRC8M, HXTAL) and PLL are disabled. Only the contents of SRAM and
registers are retained. Any interrupt or wakeup event from EXTI lines can wake up the
system from the deep-sleep mode including the 16 external lines, the RTC alarm, RTC
tamper and timestamp, LVD output and USART wakeup. When exiting the deep-sleep
mode, the IRC8M is selected as the system clock.
Standby mode
In standby mode, the whole 1.2V domain is power off, the LDO is shut down, and all of
IRC8M, HXTAL and PLL are disabled. The contents of SRAM and registers (except
backup registers) are lost. There are four wakeup sources for the standby mode,
including the external reset from NRST pin, the RTC alarm, the FWDGT reset, and the
rising edge on WKUP pin.
3.6
Analog to digital converter (ADC)
12-bit SAR ADC's conversion rate is up to 2.86 MSPS
12-bit, 10-bit, 8-bit or 6-bit configurable resolution
Hardware oversampling ratio adjustable from 2 to 256x improves resolution to 16-bit
Input voltage range: VSSA to VDDA (2.6 to 3.6 V)
Temperature sensor
One 12-bit 2.86 MSPS multi-channel ADCs are integrated in the device. It has a total of 19
multiplexed channels: 10 external channels, 1 channel for internal temperature sensor
(VSENSE), 1 channel for internal reference voltage (VREFINT) and 1 channel for battery voltage
(VBAT). The input voltage range is between VSSA and VDDA. An on-chip hardware oversampling
scheme improves performance while off-loading the related computational burden from the
CPU. An analog watchdog block can be used to detect the channels, which are required to
remain within a specific threshold window. A configurable channel management block can be
used to perform conversions in single, continuous, scan or discontinuous mode to support
more advanced use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com