Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 20 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
GD32F310xx Datasheet
19
GD32F310Cx LQFP48
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PA11
32
I/O
5VT
Default: PA11
Alternate: USART0_CTS, TIMER0_CH3, EVENTOUT,
SPI1_IO2
PA12
33
I/O
5VT
Default: PA12
Alternate: USART0_RTS, TIMER0_ETI, EVENTOUT,
SPI1_IO3
PA13
34
I/O
5VT
Default: PA13
Alternate: IFRP_OUT, SWDIO, SPI1_MISO
PF6
35
I/O
5VT
Default: PF6
Alternate: I2C1_SCL
PF7
36
I/O
5VT
Default: PF7
Alternate: I2C1_SDA
PA14
37
I/O
5VT
Default: PA14
Alternate: USART1_TX, SWCLK, SPI1_MOSI
PA15
38
I/O
5VT
Default: PA15
Alternate:
SPI0_NSS,
I2S0_WS,
USART1_RX,
SPI1_NSS, EVENTOUT
PB3
39
I/O
5VT
Default: PB3
Alternate: SPI0_SCK, I2S0_CK, EVENTOUT
PB4
40
I/O
5VT
Default: PB4
Alternate:
SPI0_MISO,
I2S0_MCK,
TIMER2_CH0,
EVENTOUT
PB5
41
I/O
5VT
Default: PB5
Alternate:
SPI0_MOSI,
I2S0_SD,
I2C0_SMBA,
TIMER15_BKIN, TIMER2_CH1
Additional:WKUP5
PB6
42
I/O
5VT
Default: PB6
Alternate: I2C0_SCL, USART0_TX, TIMER15_CH0_ON
PB7
43
I/O
5VT
Default: PB7
Alternate:
I2C0_SDA,
USART0_RX,
TIMER16_CH0_ON
BOOT0
44
I
Default: BOOT0
PB8
45
I/O
5VT
Default: PB8
Alternate: I2C0_SCL, TIMER15_CH0
PB9
46
I/O
5VT
Default: PB9
Alternate:
I2C0_SDA,
IFRP_OUT,TIMER16_CH0,
EVENTOUT, I2S0_MCK
VSS
47
P
Default: VSS
VDD
48
P
Default: VDD
Notes:
(1) Type: I = input, O = output, P = power.
(2) I/O Level: 5VT = 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com