Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 40 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
GD32F310xx Datasheet
39
4
Electrical characteristics
4.1
Absolute maximum ratings
The maximum ratings are the limits to which the device can be subjected without permanently
damaging the device. Note that the device is not guaranteed to operate properly at the
maximum ratings. Exposure to the absolute maximum rating conditions for extended periods
may affect device reliability.
Table 4-1. Absolute maximum ratings(1)(4)
Symbol
Parameter
Min
Max
Unit
VDD
External voltage range(2)
VSS - 0.3
VSS + 3.6
V
VDDA
External analog supply voltage
VSSA - 0.3
VSSA + 3.6
V
VBAT
External battery supply voltage
VSS - 0.3
VSS + 3.6
V
VIN
Input voltage on 5V tolerant pin(3)
VSS - 0.3
VDD + 3.6
V
Input voltage on other I/O
VSS - 0.3
3.6
V
|ΔVDDx|
Variations between different VDD power pins
—
50
mV
|VSSX
−VSS|
Variations between different ground pins
—
50
mV
IIO
Maximum current for GPIO pin
—
±25
mA
TA
Operating temperature range for grade 6 device
-40
+85
°C
Operating temperature range for grade 7 device
-40
+105
PD
Power dissipation at TA = 85°C of LQFP48(5)
—
621
mW
Power dissipation at TA = 85°C of LQFP32(5)
—
605
Power dissipation at TA = 85°C of QFN32(5)
—
825
Power dissipation at TA = 85°C of QFN28(5)
—
605
Power dissipation at TA = 85°C of TSSOP20(5)
—
553
Power dissipation at TA = 105°C of LQFP48(5)
—
311
Power dissipation at TA = 105°C of LQFP32(5)
—
303
Power dissipation at TA = 105°C of QFN28(5)
—
303
TSTG
Storage temperature range
-65
+150
°C
TJ
Maximum junction temperature
—
125
°C
(1)
Guaranteed by design, not tested in production.
(2)
All main power and ground pins should be connected to an external power source within the allowable range.
(3)
VIN maximum value cannot exceed 5.5 V.
(4)
It is recommended that VDD and VDDA are powered by the same source. The maximum difference between
VDD and VDDA does not exceed 300 mV during power-up and operation.
(5)
For grade 6 devices, the parameter of TA=85°C, For grade 7 devices, the parameter of TA=105°C.
4.2
Operating conditions characteristics
Table 4-2. DC operating conditions
Symbol
Parameter
Conditions
Min(1)
Typ Max(1) Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com