Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 28 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 81 page
background image
GD32F310xx Datasheet
27
GD32F310FxP6 TSSOP20
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PA6
12
I/O
Default: PA6
Alternate:
SPI0_MISO,
I2S0_MCK,
TIMER2_CH0,
TIMER0_BRKIN, TIMER15_CH0, EVENTOUT
Additional: ADC_IN6
PA7
13
I/O
Default: PA7
Alternate:
SPI0_MOSI,
I2S0_SD,
TIMER2_CH1,
TIMER13_CH0,
TIMER0_CH0_ON,
TIMER16_CH0,
EVENTOUT
Additional: ADC_IN7
PB1
14
I/O
Default: PB1
Alternate:
TIMER2_CH3,
TIMER13_CH0,
TIMER0_CH2_ON, SPI1_SCK(5)
Additional: ADC_IN9
VSS
15
P
Default: VSS
VDD
16
P
Default: VDD
PA9
17
I/O
5VT
Default: PA9
Alternate: USART0_TX, TIMER0_CH1, I2C0_SCL
PA10
18
I/O
5VT
Default: PA10
Alternate:
USART0_RX,
TIMER0_CH2,
TIMER16_BKIN, I2C0_SDA
PA13
19
I/O
5VT
Default: PA13
Alternate: IFRP_OUT, SWDIO, SPI1_MISO(5)
PA14
20
I/O
5VT
Default: PA14
Alternate:
USART0_TX(3),
USART1_TX(4),
SWCLK,
SPI1_MOSI(5)
Notes:
(1) Type: I = input, O = output, P = power.
(2) I/O Level: 5VT = 5 V tolerant.
(3) Functions are available on GD32F310F4 devices only.
(4) Functions are available on GD32F310F8/6 devices.
(5) Functions are available on GD32F310F8 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com