Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
GD32F310xx Datasheet
56
Figure 4-5. I/O port AC characteristics definition
T
10%
50%
90%
10%
90%
50%
tr(IO)out
tf(IO)out
EXTERNAL
OUTPU T
ON 50pF
If (tr + tf) ≤ 2/3 T, then maximum frequency is achieved .
The duty cycle is (45%-55%)when loaded by 50 pF
4.13
ADC characteristics
Table 4-27. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA(1)
Operating voltage
—
2.6
3.3
3.6
V
VIN(1)
ADC input voltage range
—
0
—
VDDA
V
fADC(1)
ADC clock
—
0.1
—
36
MHz
fS(1)
Sampling rate
12-bit
0.007
—
2.57
MSPS
10-bit
0.008
—
3.00
8-bit
0.01
—
3.60
6-bit
0.011
—
4.50
VAIN(1)
Analog input voltage
10 external; 3 internal
0
—
VDDA
V
RAIN(2)
External input impedance
See
Equation 1
—
—
171
kΩ
RADC(2)
Input sampling switch
resistance
—
—
—
0.2
kΩ
CADC(2)
Input sampling capacitance
No pin/pad capacitance
included
—
—
4
pF
tCAL(2)
Calibration time
fADC = 40 MHz
—
3.63
—
μs
ts(2)
Sampling time
fADC = 40 MHz
0.04
—
6.65
μs
tCONV(2)
Total conversion
time(including sampling
time)
12-bit
—
14
—
1/ fADC
10-bit
—
12
—
8-bit
—
10
—
6-bit
—
8
—
tSU(2)
Startup time
—
—
—
1
μs
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
Equation 1 :RAIN max formula RAIN <
Ts
fADC∗CADC∗ln(2N+2)
− RADC
The formula above (
Equation 1) is used to determine the maximum external impedance allowed for
an error below 1/4 of LSB. Here N = 12 (from 12-bit resolution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com