Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
GD32F310xx Datasheet
35
The ADC can be triggered from the events generated by the general level 0 timers (TIMER2)
and the advanced timer (TIMER0) with internal connection. The temperature sensor can be
used to generate a voltage that varies linearly with temperature. It is internally connected to
the ADC_IN16 input channel which is used to convert the sensor output voltage in a digital
value.
3.7
DMA
7 channel DMA controller
Peripherals supported: Timers, ADC, SPIs, I2Cs, USARTs and I2S
The flexible general-purpose DMA controllers provide a hardware method of transferring data
between peripherals and/or memory without intervention from the CPU, thereby freeing up
bandwidth for other system functions. Three types of access method are supported:
peripheral to memory, memory to peripheral, memory to memory.
Each channel is connected to fixed hardware DMA requests. The priorities of DMA channel
requests are determined by software configuration and hardware channel number. Transfer
size of source and destination are independent and configurable.
3.8
General-purpose inputs/outputs (GPIOs)
Up to 39 fast GPIOs, all mappable on 16 external interrupt lines
Analog input/output configurable
Alternate function input/output configurable
There are up to 39 general purpose I/O pins (GPIO) in GD32F310xx, named PA0 ~ PA15 and
PB0 ~ PB15, PC13 ~ PC15, PF0, PF1, PF6, PF7 to implement logic input/output functions.
Each of the GPIO ports has related control and configuration registers to satisfy the
requirements of specific applications. The external interrupts on the GPIO pins of the device
have related control and configuration registers in the Interrupt/event controller (EXTI). The
GPIO ports are pin-shared with other alternative functions (AFs) to obtain maximum flexibility
on the package pins. Each of the GPIO pins can be configured by software as output (push-
pull, open-drain), as input (with or without pull-up or pull-down) or as peripheral alternate
function. Most of the GPIO pins are shared with digital or analog alternate functions. All GPIOs
are high-current capable except for analog inputs.
3.9
Timers and PWM generation
One 16-bit advanced timer (TIMER0) and five 16-bit general timers (TIMER2, TIMER13
~ TIMER16)
Up to 4 independent channels of PWM, output compare or input capture for each general
timer and external trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com