Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 81 page
background image
GD32F310xx Datasheet
59
(3)
The device should provide a data hold time of 300 ns at least in order to bridge the undefined region of the
falling edge of SCL
.
Figure 4-6. I2C bus timing diagram
4.16
SPI characteristics
Table 4-35
. Standard SPI characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK(1)
SCK clock frequency
—
—
—
18
MHz
tSCK(H) (1)
SCK clock high time
Master mode, fPCLKx = 72 MHz
25.78 27.78 29.78
ns
tSCK(L) (1)
SCK clock low time
Master mode, fPCLKx = 72 MHz
25.78 27.78 29.78
ns
SPI master mode
tV(MO)(2)
Data output valid time
—
—
6.67
—
ns
tH(MO)(2)
Data output hold time
—
—
5.67
—
ns
tSU(MI)(1)
Data input setup time
—
1
—
—
ns
tH(MI) (1)
Data input hold time
—
0
—
—
ns
SPI slave mode
tSU(NSS)(1)
NSS enable setup time
—
0
—
—
ns
tH(NSS)(1)
NSS enable hold time
—
1
—
—
ns
tA(SO)(2)
Data output access time
—
—
10.8
—
ns
tDIS(SO)(2)
Data output disable time
—
—
15.5
—
ns
tV(SO)(2)
Data output valid time
—
—
13.5
—
ns
tH(SO)(2)
Data output hold time
—
—
11.1
—
ns
tSU(SI) (1)
Data input setup time
—
0
—
—
ns
tH(SI) (1)
Data input hold time
—
3
—
—
ns
(1)
Guaranteed by design, not tested in production.
(2)
Based on characterization, not tested in production.
70%
30%
tF(SDA)
30%
70%
tR(SDA)
tH(STA)
tSCL(L)
tSCL(H)
tR(SCL)
tF(SCL)
tH(SDA)
tSU(SDA)
SDA
SCL
tBUFF
tSU(STA)
tSU(STO)
70%
70%
30%
70%
70%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com