Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 81 page
background image
GD32F310xx Datasheet
49
(LU) test is based on the two measurement methods.
Table 4-12. ESD characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VESD(HBM)
Electrostatic discharge
voltage (human body model)
TA = 25 °C;
JS-001-2017
—
—
2000
V
VESD(CDM)
Electrostatic discharge
voltage (charge device model)
TA = 25 °C;
JS-002-2018
—
—
500
V
(1)
Based on characterization, not tested in production.
Table 4-13. Static latch-up characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LU
I-test
TA = 25 °C; JESD78D
—
—
±
200
mA
Vsupply over voltage
—
—
5.4
V
(1)
Based on characterization, not tested in production.
4.7
External clock characteristics
Table 4-14. High speed external clock (HXTAL) generated from a crystal/ceramic
characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHXTAL(1)
Crystal or ceramic frequency
2.6 V ≤ VDD ≤ 3.6 V
4
8
32
MHz
RF(2)
Feedback resistor
VDD = 3.3 V
—
400
—
kΩ
CHXTAL(2)(3)
Recommended matching
capacitance on OSCIN and
OSCOUT
—
—
20
30
pF
Ducy(HXTAL)(2)
Crystal or ceramic duty cycle
—
30
50
70
%
gm(2)
Oscillator transconductance
Startup
—
25
—
mA/V
IDD(HXTAL)(1)
Crystal or ceramic operating
current
VDD = 3.3 V, fHCLK =
fIRC8M = 8 MHz
TA = 25 °C
—
1.1
—
mA
tSUHXTAL(1)
Crystal or ceramic startup time
VDD = 3.3 V, fHCLK =
fIRC8M = 8 MHz
TA = 25 °C
—
1.4
—
ms
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
(3)
CHXTAL1 = CHXTAL2 = 2*(CLOAD - CS), For CHXTAL1 and CHXTAL2, it is recommended matching capacitance on OSCIN
and OSCOUT. For CLOAD, it is crystal/ceramic load capacitance, provided by the crystal or ceramic
manufacturer. For CS, it is PCB and MCU pin stray capacitance.
Table 4-15. High speed external user clock characteristics (HXTAL in bypass mode)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHXTAL_ext(1)
External clock source or oscillator
frequency
VDD = 3.3 V
1
8
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com