Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 7 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
GD32F310xx Datasheet
6
Table 4-28. ADC RAIN max for fADC = 36 MHz(1)
..................................................................................................57
Table 4-29. ADC dynamic accuracy at fADC = 14 MHz(1)
..................................................................................57
Table 4-30. ADC dynamic accuracy at fADC = 28 MHz(1)
..................................................................................57
Table 4-31.ADC dynamic accuracy at fADC = 36 MHz(1)
...................................................................................57
Table 4-32. ADC static accuracy at fADC = 14 MHz(1)
........................................................................................57
Table 4-33. Temperature sensor characteristics(1)
..........................................................................................58
Table 4-34. I2C characteristics(1)(2)(3)
...................................................................................................................58
Table 4-35
. Standard SPI characteristics ..........................................................................................................59
Table 4-36. I2S characteristics
.............................................................................................................................61
Table 4-37
. USART characteristics(1) ..................................................................................................................63
Table 4-38
. TIMER characteristics(1)....................................................................................................................63
Table 4-39. FWDGT min/max timeout period at 40 kHz (IRC40K)(1)
............................................................63
Table 4-40. WWDGT min-max timeout value at 36 MHz (fPCLK1)(1)
................................................................64
Table 5-1. LQFP48 package dimensions ...........................................................................................................65
Table 5-2. LQFP32 package dimensions ...........................................................................................................67
Table 5-3. QFN32 package dimensions..............................................................................................................69
Table 5-4. QFN28 package dimensions..............................................................................................................71
Table 5-5. TSSOP20 package dimensions.........................................................................................................73
Table 5-6. Package thermal characteristics(1)
...................................................................................................75
Table 6-1. Part ordering code for GD32F310xx devices
................................................................................77
Table 7-1. Revision history
...................................................................................................................................78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com