Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
GD32F310xx Datasheet
57
Table 4-28. ADC RAIN max for fADC = 36 MHz(1)
Ts(cycles)
ts(
μs)
RAINmax
(kΩ)
1.5
0.04
0.8
7.5
0.20
5.1
13.5
0.37
9.4
28.5
0.79
20.1
41.5
1.15
29.4
55.5
1.54
39.5
71.5
1.98
50.9
239.5
6.65
171
(1)
Based on characterization, not tested in production.
Table 4-29. ADC dynamic accuracy at fADC = 14 MHz(1)
Symbol
Parameter
Test conditions
Min Typ
Max
Unit
ENOB
Effective number of bits
fADC = 14 MHz
VDDA = VDD = 3.3 V
Input Frequency = 20 kHz
Temperature = 25
℃
—
10.9
—
bits
SNDR
Signal-to-noise and distortion ratio
—
67.3
—
dB
SNR
Signal-to-noise ratio
—
67.6
—
THD
Total harmonic distortion
—
-79
—
(1)
Based on characterization, not tested in production.
Table 4-30. ADC dynamic accuracy at fADC = 28 MHz(1)
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
ENOB
Effective number of bits
fADC = 28 MHz
VDDA = VDD = 3.3 V
Input Frequency = 20 kHz
Temperature = 25
℃
—
10.8
—
bits
SNDR
Signal-to-noise and distortion ratio
—
66.7
—
dB
SNR
Signal-to-noise ratio
—
67.0
—
THD
Total harmonic distortion
—
-78
—
(1)
Based on characterization, not tested in production.
Table 4-31.ADC dynamic accuracy at fADC = 36 MHz(1)
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
ENOB
Effective number of bits
fADC = 36 MHz
VDDA = VDD = 3.3 V
Input Frequency = 20
kHz
Temperature = 25
℃
—
10.8
—
bits
SNDR
Signal-to-noise and distortion ratio
—
66.7
—
dB
SNR
Signal-to-noise ratio
—
67.0
—
THD
Total harmonic distortion
—
-78
—
(1)
Based on characterization, not tested in production.
Table 4-32. ADC static accuracy at fADC = 14 MHz(1)
Symbol
Parameter
Test conditions
Typ
Max Unit
Offset
Offset error
fADC = 14 MHz
VDDA = VDD = 3.3 V
±1
—
LSB
DNL
Differential linearity error
±1
—
INL
Integral linearity error
±1.5
—
(1)
Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com