Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 11 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
GD32F310xx Datasheet
10
2.2
Block diagram
Figure 2-1. GD32F310xx block diagram
NVIC
TPIU
SW
Flash
Memory
Controller
Flash
Memory
SRAM
Controller
SRAM
AHB to APB
Bridge 2
GP DMA
7chs
USART0
SPI0/I2S0
ADC
TIMER16
12-bit
SAR ADC
IBus
ARM Cortex-M4
Processor
Fmax: 72MHz
POR/PDR
PLL
Fmax: 72MHz
LDO
1.2V
IRC8M
8MHz
HXTAL
4-32MHz
LVD
EXTI
TIMER0
AHB1: Fma x = 72MHz
AHB to APB
Bridge 1
CRC
RST/CLK
Controller
DBus
AHB2: Fma x = 72MHz
GPIO Ports
A, B, C, D, F
IRC28M
28MHz
TIMER14
TIMER15
IRC48M
48MHz
Powered by LDO (1.2V)
WWDGT
SPI1
CTC
I2C0
RTC
FWDGT
PMU
I2C1
TIMER13
TIMER2
Powered by VDD/VDDA
IRC40K
40KHz
USART1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com