Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310 Datasheet(PDF) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310 Datasheet(HTML) 76 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
GD32F310xx Datasheet
75
5.6
Thermal characteristics
Thermal resistance is used to characterize the thermal performance of the package device,
which is represented by the Greek letter “θ”. For semiconductor devices, thermal resistance
represents the steady-state temperature rise of the chip junction due to the heat dissipated
on the chip surface.
θJA: Thermal resistance, junction-to-ambient.
θJB: Thermal resistance, junction-to-board.
θJC: Thermal resistance, junction-to-case.
ᴪJB: Thermal characterization parameter, junction-to-board.
ᴪJT: Thermal characterization parameter, junction-to-top center.
θJA=(TJ-TA)/PD
(5-1)
θJB=(TJ-TB)/PD
(5-2)
θJC=(TJ-TC)/PD
(5-3)
Where, TJ = Junction temperature.
TA = Ambient temperature
TB = Board temperature
TC = Case temperature which is monitoring on package surface
PD = Total power dissipation
θJA represents the resistance of the heat flows from the heating junction to ambient air. It is
an indicator of package heat dissipation capability. Lower θJA can be considerate as better
overall thermal performance. θJA is generally used to estimate junction temperature.
θJB is used to measure the heat flow resistance between the chip surface and the PCB board.
θJC represents the thermal resistance between the chip surface and the package top case.
θJC is mainly used to estimate the heat dissipation of the system (using heat sink or other heat
dissipation methods outside the device package).
Table 5-6. Package thermal characteristics(1)
Symbol
Condition
Package
Value
Unit
θJA
Natural convection, 2S2P PCB
LQFP48
64.40
°C/W
LQFP32
66.11
QFN32
48.50
QFN28
66.07
TSSOP20
72.35
θJB
Cold plate, 2S2P PCB
LQFP48
42.32
°C/W
LQFP32
42.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com