Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 25Page - Infineon Technologies AG TLE8262E Datasheet HTML 26Page - Infineon Technologies AG TLE8262E Datasheet HTML 27Page - Infineon Technologies AG TLE8262E Datasheet HTML 28Page - Infineon Technologies AG TLE8262E Datasheet HTML 29Page - Infineon Technologies AG TLE8262E Datasheet HTML 30Page - Infineon Technologies AG TLE8262E Datasheet HTML 31Page - Infineon Technologies AG TLE8262E Datasheet HTML 32Page - Infineon Technologies AG TLE8262E Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
Data Sheet
29
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
8
High Speed CAN Transceiver
8.1
Block Description
Figure 10
Functional Block Diagram
8.2
High-speed CAN Description
The Controller Area Network (CAN) transceiver part of the SBC provides high-speed (HS) differential mode data
transmission (up to 1 Mbaud) and reception in automotive and industrial applications. It works as an interface
between the CAN protocol controller and the physical bus lines compatible to ISO/DIS 11898-2 and 11898-5 as
well as SAE J2284.
The CAN transceiver offers low power modes to reduce current consumption. This supports networks with partially
powered down nodes. To support software diagnostic functions, a CAN Receive-only Mode is implemented.
It is designed to provide excellent passive behavior when the transceiver is switched off (mixed networks,
clamp15/30 applications).
A wake-up from the CAN Wake capable Mode is possible via a message on the bus. Thus, the microcontroller can
be powered down or idled and will be woken up by the CAN bus activities.
Refer to Figure 11 for a description of the matching of the transceiver modes with the SBC mode.
The CAN transceiver is designed to withstand the severe conditions of automotive applications and to support
12 V applications.
TxDCAN
Output
Stage
Driver
Temp.-
Protection
CANH
CANL
+
timeout
RxDCAN
Receiver
MUX
VCC1µC
V
SPI Mode
Control
To SPI diagnostic
GND
RxD Diag
SPLIT
R SPLIT
V SPLIT
ccHS CAN
can block .vsd
VccHSCAN
VCC1µC
RTD
Wake
Receiver
Vs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com