Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 4Page - Infineon Technologies AG TLE8262E Datasheet HTML 5Page - Infineon Technologies AG TLE8262E Datasheet HTML 6Page - Infineon Technologies AG TLE8262E Datasheet HTML 7Page - Infineon Technologies AG TLE8262E Datasheet HTML 8Page - Infineon Technologies AG TLE8262E Datasheet HTML 9Page - Infineon Technologies AG TLE8262E Datasheet HTML 10Page - Infineon Technologies AG TLE8262E Datasheet HTML 11Page - Infineon Technologies AG TLE8262E Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Data Sheet
8
Rev. 1.0, 2009-03-31
TLE8262E
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1RO
Reset Input/Output; open drain output, integrated pull-up resistor; active low.
2CSN
SPI Chip Select Not Input; CSN is an active low input; serial communication is
enabled by pulling the CSN terminal low; CSN input should be set to low only when
CLK is low; CSN has an internal pull-up resistor and requires CMOS logic level
inputs.
3CLK
SPI Clock Input; clock input for shift register; CLK has an internal pull-down resistor
and requires CMOS logic level inputs.
4SDI
SPI Data Input; receives serial data from the control device; serial data transmitted
to SDI is a 16-bit control word with the Least Significant Bit (LSB) transferred first:
the input has a pull-down resistor and requires CMOS logic level inputs; SDI will
accept data on the falling edge of the CLK signal.
5SDO
SPI Data Output; this tri-state output transfers diagnostic data to the control device;
the output will remain tri-stated unless the device is selected by a low on Chip Select
Not (CSN).
6GND
Ground
7n.c.
Not connected
8
V
s
Power Supply Input; block to GND directly at the IC with ceramic capacitor. Ensure
to have no current flow from PIN8 to PIN9. PIN8 and PIN9 can be directly connected.
9
V
s
Power Supply Input; block to GND directly at the IC with ceramic capacitor. Ensure
to have no current flow from PIN8 to PIN9. PIN8 and PIN9 can be directly connected.
10
Bus1
LIN Bus 1; Bus line for the LIN interface, according to ISO. 9141 and LIN
specification 2.1 as well as SAE J2602-2.
11
V
cc3 shunt
PNP Shunt; External PNP emitter voltage.
12
V
cc3 base
PNP Base; External PNP base voltage.
13
GND
Ground
14
V
cc3REF
External PNP Output Voltage
15
INT
Interrupt Output, configuration Input; used as wake-up flag from SBC Stop Mode
and indicating failures. Active low. Integrated pull up. During start-up used to set the
SBC configuration. External Pull-up sets config 1/3, no external Pull-up sets config
2/4.
16
V
cc1 µc
Voltage Regulator Output; 5 V supply; to stabilize block to GND with an external
capacitor.
17
V
cc2
Voltage Regulator Output; 5 V supply; to stabilize block to GND with an external
capacitor.
18
V
ccHSCAN
Supply Input; for the internal HS CAN cell.
19
CANH
CAN High Line; High in dominant state.
20
SPLIT
Termination Output; to support recessive voltage level of the bus lines.
21
CANL
CAN Low Line; Low in dominant state.
22
GND
Ground
23
TxDCAN
CAN Transmit Data Input; integrated pull-up resistor.
24
RxDCAN
CAN Receive Data Output
25
TxDLIN
LIN Transceiver Data input; according to ISO 9141 and LIN specification 2.1 as
well as SAE J2602-2. integrated pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com