Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 12Page - Infineon Technologies AG TLE8262E Datasheet HTML 13Page - Infineon Technologies AG TLE8262E Datasheet HTML 14Page - Infineon Technologies AG TLE8262E Datasheet HTML 15Page - Infineon Technologies AG TLE8262E Datasheet HTML 16Page - Infineon Technologies AG TLE8262E Datasheet HTML 17Page - Infineon Technologies AG TLE8262E Datasheet HTML 18Page - Infineon Technologies AG TLE8262E Datasheet HTML 19Page - Infineon Technologies AG TLE8262E Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
Data Sheet
16
Rev. 1.0, 2009-03-31
TLE8262E
General Product Characteristics
5
General Product Characteristics
5.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
Tj = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test; specified by design
Pos.
Parameter
Symbol
Limit Values
Unit Test Conditions
Min.
Max.
Voltages
5.1.1
Supply Voltage
V
S
-0.3
40
V
–
5.1.2
Supply Voltage Slew Rate
dV
S/dt
-0.5
5
V/µs –
5.1.3
Regulator Output Voltage
V
cc1µC/2/3
-0.3
5.5
V
–
5.1.4
CAN Bus Voltage (CANH, CANL)
V
CANH/L
-27
40
V
–
5.1.5
Differential Voltage CANH, CANL, SPLIT
V
diffESD
-40
40
V
CANH-CANL<|40 V|;
CANH-SPLIT<|40 V|
CANL-SPLIT<|40 V|;
5.1.6
Input Voltage at VCCHSCAN
V
CCHSCAN
-0.3
5.5
V
–
5.1.7
Voltage at SPLIT, WK
V
SPLIT
-27
40
V
–
5.1.8
Voltage at Test
V
Test,max
-0.3
40
V
–
5.1.9
Voltage at Vcc3base, Vcc3shunt, Vcc3REF
V
cc3base
-0.3
40
V
–
5.1.10 Voltage at Limp Home (LH, pin)
V
LH
-0.3
40
V
–
5.1.11 Logic Voltages Input Pin (SDI, CLK,
CSN, TxDLINx, TxDCAN)
V
I
-0.3
V
CC1µC +
0.3V
V0 V <
V
S < 28 V
0 V <
V
CC1µC < 5.5 V
5.1.12 Logic Voltage Output PIN (SDO, RO,
INT, RxDLINx, RxDCAN)
V
DRI,RD
-0.3
V
CC1µC +
0.3V
V0 V <
V
S < 28 V
0 V <
V
CC1µC < 5.5 V
5.1.13 LIN Line Bus Input Voltages
V
bus
-27
40
V
–
Currents
5.1.14 Reverse current on pin Vs
IVS
-500
–
mA
V
S < VCC
Temperatures
5.1.15 Junction Temperature
T
j
-40
150
°C–
5.1.16 Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
5.1.17 Electrostatic Discharge Voltage at BusX,
CANH, CANL, SPLIT versus GND
V
ESD
-6
6
kV
2) HBM (100 pF via
1.5 k
Ω)
2) ESD susceptibility Human Body Model “HBM” according to JESD22-A114
5.1.18 Electrostatic Discharge Voltage
V
ESD
-2
2
kV
2) HBM (100 pF via
1.5 k
Ω)
5.1.19 Electrostatic Discharge CDM
Corner Pins (Pin 1, 18, 19, 36)
VESD_CDM
_C
-750
750
V
3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
Electrostatic Discharge CDM
VESD_CDM -500
500
V
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com