Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 88 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 88 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 84Page - Infineon Technologies AG TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG TLE8262E Datasheet HTML 87Page - Infineon Technologies AG TLE8262E Datasheet HTML 88Page - Infineon Technologies AG TLE8262E Datasheet HTML 89Page - Infineon Technologies AG TLE8262E Datasheet HTML 90Page - Infineon Technologies AG TLE8262E Datasheet HTML 91Page - Infineon Technologies AG TLE8262E Datasheet HTML 92Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 93 page
background image
Data Sheet
88
Rev. 1.0, 2009-03-31
TLE8262E
Application Information
16.1
ZthJA Curve
Figure 41
ZthJA Curve, Function of Cooling Area
Figure 42
Board Set-up
Board set-up is done according to JESD 51-3, single layer FR4 PCB 70 µm.
Zthja curves.vsd
0
10
20
30
40
50
60
0,00001
0,0001
0,001
0,01
0,1
1
10
100
1000
10000
tim e (s)
Zth-JA(Ch4; 600)
Zth-JA(Ch4; 300)
Zth-JA(Ch4; 100)
Zth-JA(Ch4; footprint)
600mm² cooling area
300mm² cooling area
100mm² cooling area
minimum footprint
PCB set up.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com