Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 72Page - Infineon Technologies AG TLE8262E Datasheet HTML 73Page - Infineon Technologies AG TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 93 page
background image
Data Sheet
76
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
Configuration select 001 (SBC Failure interrupt)
001
OTP_Vcc1µC
1
0
Interrupt enabled (1) disabled
(0) for temperature pre-warning
Vcc1µC temperature pre warning
(1)
OT_HSCAN
1
0
Interrupt enabled (1) disabled
(0) for temperature shutdown
HS CAN temperature shutdown
(1)
OT_Vcc2
1
0
Interrupt enabled (1) disabled
(0) for temperature shutdown
Vcc2 temperature shutdown (1)
UV_Vcc3
1
0
Interrupt enabled (1) disabled
(0) for undervoltage detection
or due to back to normal voltage
Undervoltage detection on Vcc3
(1)
SPI Fail
1
0
Interrupt enabled (1) disabled
(0) for SPI corrupted data.
SPI input corrupted data (1)
Reset
1
0
Interrupt enabled (1) disabled
(0) for reset information
(only in SBC Software
Development Mode)
Reset (1)
(only in SBC Software
Development Mode)
Wrong WD set
1
0
Interrupt enabled (1) disabled
(0) for incorrect Watchdog
setting
Incorrect WD programming for
data output
UV
V
cc2
1
0
Interrupt enabled (1) disabled
(0) for undervoltage detection at
V
cc2
Under voltage detected at Vcc2
I
CC3 > ICC3max
1
0
Interrupt enable (1) disabled (0)
for over current at
V
cc3
Over current detected at Vcc3
Configuration select 010 (Communication failure interrupt)
010
CAN failure 1
CAN failure 0
n.a
1
0
0
Interrupt enabled (1) disabled
(0) for CAN failure
CAN failure Refer to Table 17
CAN Bus
1
0
Interrupt enabled (1) disabled
(0) for CAN bus failure
CAN bus failure detected (1)
LINx failure 1
LINx failure 0
n.a
1
0
0
Interrupt enabled (1) disabled
(0) for LIN failure
LIN failure. Refer to Table 17
1) A value of 0 will set the SBC into the opposite state.
Table 16
Interrupt Register encoder (cont’d)1)
CS
Bit Name
Default
Value
(INPUT)
Default
Value
(OUT)
Data Input
Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com