Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 47Page - Infineon Technologies AG TLE8262E Datasheet HTML 48Page - Infineon Technologies AG TLE8262E Datasheet HTML 49Page - Infineon Technologies AG TLE8262E Datasheet HTML 50Page - Infineon Technologies AG TLE8262E Datasheet HTML 51Page - Infineon Technologies AG TLE8262E Datasheet HTML 52Page - Infineon Technologies AG TLE8262E Datasheet HTML 53Page - Infineon Technologies AG TLE8262E Datasheet HTML 54Page - Infineon Technologies AG TLE8262E Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Data Sheet
51
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
Bus Transmitter BusX
10.6.15
Bus Serial Diode Voltage
Drop
V
serdiode
0.4
0.7
1.0
V
LIN Normal Mode
V
TxD = VCC1µC
10.6.16
Bus Recessive Output
Voltage
V
Bus,ro
0.8
× VS –
V
S
V
LIN Normal Mode
V
TxD = VCC1µC
10.6.17
Bus Dominant Output
Voltage
V
Bus,do
––1.2
V
LIN Normal Mode
V
TxD = 0 V;
V
S = 7V;
RL = 500 Ω;
––2.0
V
LIN Normal Mode
V
S = 18 V;
RL = 500 Ω;
10.6.18
Bus Dominant Output
Voltage
V
Bus,do
0.6
–
–
V
LIN Normal Mode
V
TxD = 0 V;
V
S = 7V;
RL = 1kΩ;
0.8
–
–
V
LIN Normal Mode
V
S = 18 V;
RL = 1 kΩ;
10.6.19
Bus Short Circuit Current
I
Bus,sc
40
100
150
mA
LIN Normal Mode
V
BUS = 13.5 V;
(LIN2.1 Param. 12)
10.6.20
Leakage Current
I
Bus,lk
-1000
-450
–
µA
V
S = 0 V;
V
BUS = -12 V;
(LIN2.1 Param. 15)
––5
µA
V
S = 0 V;
V
BUS = 18 V;
(LIN2.1 Param. 16)
-1
–
–
mA
V
S = 18 V;
V
BUS = 0 V;
(LIN2.1 Param. 13)
––5
µA
V
S = 8 V;
V
BUS = 18 V;
(LIN2.1 Param. 14)
10.6.21
Bus Pull-up Resistance
R
Bus
20
30
47
k
Ω
LIN Normal Mode
(LIN2.1 Param. 26)
10.6.22
LIN Output Current
I
Bus
-60
-30
-5
µA
LIN Wake Capable /
OFF Mode;
V
S = 18 V;
V
BUS = 0V
10.6
Electrical Characteristics (cont’d)
V
S = 6 to 18 V
1); R
L = 500 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com