Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG TLE8262E Datasheet HTML 82Page - Infineon Technologies AG TLE8262E Datasheet HTML 83Page - Infineon Technologies AG TLE8262E Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
Data Sheet
80
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.5.3.2 Limp Home failure encoder
Table 22 describes the encoding of all possible reason to activate automatically the Limp Home output. Bits are
set back to “000” when switching Limp Home off via SPI.
15.5.3.3 Test pin and failure to Limp Home configuration read out
The SBC allows to read the hardware setting of the configuration that is done via the INT pin, as well as the test
pin and the WD to LH bit. Table 23 describes the encoding of these informations.
Table 22
Limp Home Failure Diagnosis
LH2
LH1
LH0
Failure1)
00
0
No failure
00
1
V
cc1µC undervoltage Time-out
0
1
0
One Watchdog failure (config 1 and 2)
0
1
1
Two consecutive Watchdog failures (config 3 and 4)
1
0
0
INIT Mode Time-out
1
0
1
Temperature shutdown at
V
cc1µC
1
1
0
Reset clamped
11
1
Reserved
Table 23
Test pin and SBC Configuration
Test2
Test1
Test0
Test Read Out1)
1) Refer also to Chapter 4.2.1
00
0
V
cc1µC remains ON in SBC Restart Mode after one Watchdog failure (config 1)
00
1
V
cc1µC is OFF in SBC Fail-Safe Mode after one Watchdog failure (config 2)
01
0
V
cc1µC remains ON in SBC Restart Mode after two Watchdog failures (config 3)
01
1
V
cc1µC is OFF in SBC Fail-Safe Mode after two Watchdog failures (config 4)
1
0
0
Software Development Mode. In case of watchdog failure
V
cc1µC remains ON, no
reset is generated and Restart Mode or Fail-Safe Mode are not entered.
1
0
1
Software Development Mode. In case of watchdog failure
V
cc1µC remains ON, no
reset is generated and Restart Mode or Fail-Safe Mode are not entered.
1
1
0
Software Development Mode. In case of watchdog failure
V
cc1µC remains ON, no
reset is generated and Restart Mode or Fail-Safe Mode are not entered.
1
1
1
Software Development Mode. In case of watchdog failure
V
cc1µC remains ON, no
reset is generated and Restart Mode or Fail-Safe Mode are not entered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com