Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 34Page - Infineon Technologies AG TLE8262E Datasheet HTML 35Page - Infineon Technologies AG TLE8262E Datasheet HTML 36Page - Infineon Technologies AG TLE8262E Datasheet HTML 37Page - Infineon Technologies AG TLE8262E Datasheet HTML 38Page - Infineon Technologies AG TLE8262E Datasheet HTML 39Page - Infineon Technologies AG TLE8262E Datasheet HTML 40Page - Infineon Technologies AG TLE8262E Datasheet HTML 41Page - Infineon Technologies AG TLE8262E Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
Data Sheet
38
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
8.6.28
TxD Input Hysteresis
V
TD,hys
–0.12
×
V
cc1µC
–mV
1)
8.6.29
TxD Pull-up Resistance
R
TD
20
40
80
k
Ω
–
Dynamic CAN-Transceiver Characteristics
8.6.30
Min. Dominant Time for
Bus Wake-up
t
WU
0.75
3
5
µs
CAN Wake capable Mode
8.6.31
Propagation Delay
TxD-to-RxD LOW
(recessive to dominant)
t
d(L),TR
–
150
255
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V;
CRxD = 15 pF
8.6.32
Propagation Delay
TxD-to-RxD HIGH
(dominant to recessive)
t
d(H),TR
–
150
255
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V;
CRxD = 15 pF
8.6.33
Propagation Delay
TxD LOW to bus dominant
t
d(L),T
–
50
120
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V
8.6.34
Propagation Delay
TxD HIGH to bus
recessive
t
d(H),T
–
50
120
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V
8.6.35
Propagation Delay
bus dominant to RxD LOW
t
d(L),R
–
100
135
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V;
CRxD = 15 pF
8.6.36
Propagation Delay
bus recessive to RxD
HIGH
t
d(H),R
–
100
135
ns
CAN Normal Mode
CL = 47 pF;
RL = 60 Ω;
V
ccHSCAN = 5 V;
CRxD = 15 pF
8.6.37
TxD Permanent Dominant
Time-out
t
TxD_TO
0.3
0.6
1.0
ms
CAN Normal Mode
8.6.38
Bus Dominant Time-out
t
BUS_TO
0.3
0.6
1.0
ms
CAN Normal Mode1)
1) Not subject to production test; specified by design.
8.6
Electrical Characteristics (cont’d)
4.75 V <
V
ccHSCAN < 5.25 V; VS = 5.5 V to 28 V; RL = 60 Ω; CAN Normal Mode; Tj = -40 °C to +150 °C; all voltages
with respect to ground; positive current flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com