Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 48Page - Infineon Technologies AG TLE8262E Datasheet HTML 49Page - Infineon Technologies AG TLE8262E Datasheet HTML 50Page - Infineon Technologies AG TLE8262E Datasheet HTML 51Page - Infineon Technologies AG TLE8262E Datasheet HTML 52Page - Infineon Technologies AG TLE8262E Datasheet HTML 53Page - Infineon Technologies AG TLE8262E Datasheet HTML 54Page - Infineon Technologies AG TLE8262E Datasheet HTML 55Page - Infineon Technologies AG TLE8262E Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Data Sheet
52
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
Dynamic Transceiver Characteristics BusX
10.6.30
Propagation Delay,
bus dominant to RxD
LOW
t
d(L),R
–16
µs
V
cc1µC = 5 V;
CRxD = 20 pF;
(LIN2.1 Param. 31)
10.6.31
Propagation Delay,
bus recessive to RxD
HIGH
t
d(H),R
–16
µs
V
cc1µC = 5 V;
CRxD = 20 pF;
(LIN2.1 Param. 31)
10.6.32
Receiver Delay
Symmetry
t
sym,R
-2
–
2
µs
tsym,R = td(L),R - td(H),R;
(LIN2.1 Param. 32)
10.6.34
TxD Dominant Time-out
t
TxD_TO
612
20
ms
VTxD = 0 V
10.6.35
BUS Dominant Time-out
t
LIN_TO
612
20
ms
3)
10.6.36
TxD Dominant Time-out
Recovery Time
t
torec
–10
–
µs
3)
10.6.37
Duty Cycle D1
(for worst case at
20 kBit/s)
tduty1
0.396
–
–
LIN Normal slope
Mode;
duty cycle 12)
THRec(max) = 0.744 ×
V
S;
THDom(max) =0.581 ×
V
S;
V
S = 7.0 … 18 V;
tbit = 50µs;
D1 = tbus_rec(min)/2 tbit;
(LIN2.1 Param. 27)
10.6.38
Duty Cycle D2
(for worst case at
20 kBit/s)
tduty2
–
–
0.581
LIN Normal slope
Mode;
duty cycle 22)
THRec(min)= 0.422 ×
V
S;
THDom(min)= 0.284 ×
V
S
V
S = 7.6 … 18 V;
tbit = 50µs;
D2 = tbus_rec(max)/2 tbit;
(LIN2.1 Param. 28)
10.6
Electrical Characteristics (cont’d)
V
S = 6 to 18 V
1); R
L = 500 Ω; Tj = -40 °C to +150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com