Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 27Page - Infineon Technologies AG TLE8262E Datasheet HTML 28Page - Infineon Technologies AG TLE8262E Datasheet HTML 29Page - Infineon Technologies AG TLE8262E Datasheet HTML 30Page - Infineon Technologies AG TLE8262E Datasheet HTML 31Page - Infineon Technologies AG TLE8262E Datasheet HTML 32Page - Infineon Technologies AG TLE8262E Datasheet HTML 33Page - Infineon Technologies AG TLE8262E Datasheet HTML 34Page - Infineon Technologies AG TLE8262E Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
Data Sheet
31
Rev. 1.0, 2009-03-31
TLE8262E
High Speed CAN Transceiver
Figure 11
Timing during Transition from Sleep to Normal Mode
Wake-Up in SBC Stop Mode
In SBC Stop Mode, if a wake-up is detected, it is signaled by the INT output and by the “WK CAN” SPI bit. It is
also signaled by RxDCAN put to low. The microcontroller should set the device to SBC Normal Mode, there is no
automatic transition to Normal Mode. In Normal Mode the transceiver can be enabled via SPI.
Wake-Up in SBC Restart or SBC Fail-Safe Mode
In SBC Restart or SBC Fail-Safe Mode, if a wake-up is detected, it is signaled by the “WK CAN” SPI bit.
Wake-Up in SBC Normal Mode
In SBC Normal Mode, if a wake-up is detected, it is signaled by the “WK CAN” SPI bit and INT output, and RxD
remains LOW.
CAN_H
CAN_L
Vdiff
Vcc1µC/
HSCAN
RxD
SBC Normal mode
tWU
BUS
OFF
BUS
WAIT
WAKE
PATTERN
Communication
starts
RO
Application with sleep .vsd
SBC Sleep mode
SBC Restart
tROx
t
t
t
t
t
SPI command
CAN Wake
capable mode
CAN Waked
CAN Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com