Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 82Page - Infineon Technologies AG TLE8262E Datasheet HTML 83Page - Infineon Technologies AG TLE8262E Datasheet HTML 84Page - Infineon Technologies AG TLE8262E Datasheet HTML 85Page - Infineon Technologies AG TLE8262E Datasheet HTML 86Page - Infineon Technologies AG TLE8262E Datasheet HTML 87Page - Infineon Technologies AG TLE8262E Datasheet HTML 88Page - Infineon Technologies AG TLE8262E Datasheet HTML 89Page - Infineon Technologies AG TLE8262E Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Data Sheet
86
Rev. 1.0, 2009-03-31
TLE8262E
Application Information
Note: This is a very simplified example of an application circuit and bill of material. The function must be verified
in the actual application.
Table 25
Bills of material
Ref.
Option Vendor
Value
Purpose
Capacitance
C1
Y
Kemet
68µF optional depending on
application
Cut off battery spike
C2
Y
100nF
EMC
C3
N
Murata
10µF ceramic cap low ESR
Stability of the
V
CC3
C5
N
1nF OEM dependent
LIN Master Termination
C7
Y
22nF 50V
EMC
C8
Y
47nF OEM dependent
Improve SPLIT pin stability
C9
Y
10µF
Buffer of the
V
CC1µC depending on load.
(µC)
C10
N
100nF
Stability of the
V
CC1µC
C11
N
10µF CAN transceiver dependent
Buffering of the
V
CC2 for CAN Transceiver
C12
Y
100nF
Improve stability of the logic
C13
Y
100nF
Improve stability of the logic
C14
Y
100nF
Improve stability of the logic
Resistance
R1
N
220m
Ω
V
CC3 current measurement for ICC3
400mA max
R3
Y
1k
Ω / OEM dependent
LIN master termination
R5
Y
1k
Ω
Wetting current of the switch
R7
Y
60
Ω / OEM dependent
CAN bus termination
R8
Y
60
Ω / OEM dependent
CAN bus termination
R9
Y
10k
Ω
Limit the WK pin current in ISO pulses
R10
Y
500
Ω
Insulation of the VDD supply
R12
Y
47k
Ω
Set config 1/3. If not connected config 2/4
is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com