Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 74Page - Infineon Technologies AG TLE8262E Datasheet HTML 75Page - Infineon Technologies AG TLE8262E Datasheet HTML 76Page - Infineon Technologies AG TLE8262E Datasheet HTML 77Page - Infineon Technologies AG TLE8262E Datasheet HTML 78Page - Infineon Technologies AG TLE8262E Datasheet HTML 79Page - Infineon Technologies AG TLE8262E Datasheet HTML 80Page - Infineon Technologies AG TLE8262E Datasheet HTML 81Page - Infineon Technologies AG TLE8262E Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Data Sheet
78
Rev. 1.0, 2009-03-31
TLE8262E
Serial Peripheral Interface
15.5.2.5 Reset encoder
Table 19 lists the three possible reset thresholds. Please also refer to Chapter 11.3 to get the exact voltage
threshold.
15.5.2.6 SBC Watchdog encoder
Table 20 list the 32 possible watchdog timer.
Configuration select 101 (SBC communication set up register)
101
LIN 10.4k
1
1
LIN cells are in LIN Low slope Mode (1)
CAN 1.0
00
00
The CAN cell is in:
00 = CAN OFF
01 = CAN is Wake Capable
10 = CAN Receive Only Mode
11 = CAN Normal Mode
LINx 1.0
00
00
The LIN cell is in:
00 = LIN OFF
01 = LIN is Wake Capable
10 = LIN Receive Only Mode
11 = LIN Normal Mode
Configuration select 110 (SBC Watchdog register)
110
Ti. Out / Win.
1
1
Time-out Watchdog is activated
Set to 1
1
1
Bit is reserved and fix set to “1”. Set to 1 in SW.
WD ON / OFF
1
1
Watchdog is activated
CHK SUM
1
1
Check sum of the bit 13...6
In case the CHK SUM is wrong, the device remains in
previous valid state.
Configuration select 111 (Limp Home / Diagnosis register)
111
-
Reserved for input
For output, refer to Table 21, Table 22 and Table 23
Table 19
Reset Encoder
RT1
RT0
Threshold Selected
0
0
Not Valid. Device remains at previous threshold
0
1
VRT1 (default setting at SBC Init),
10
VRT2
11
VRT3
Table 18
Configuration Encoder
Configuration
Select
Bit Name
Default
Value
(INPUT)
Default
Value
(OUT)
State
CHKSUM
Bit13
… Bit6
⊕⊕
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com