Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8262E Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 42Page - Infineon Technologies AG TLE8262E Datasheet HTML 43Page - Infineon Technologies AG TLE8262E Datasheet HTML 44Page - Infineon Technologies AG TLE8262E Datasheet HTML 45Page - Infineon Technologies AG TLE8262E Datasheet HTML 46Page - Infineon Technologies AG TLE8262E Datasheet HTML 47Page - Infineon Technologies AG TLE8262E Datasheet HTML 48Page - Infineon Technologies AG TLE8262E Datasheet HTML 49Page - Infineon Technologies AG TLE8262E Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
Data Sheet
46
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
Figure 19
Timing during Transition from SBC Sleep to SBC Normal Mode
10.3.1
Transition from SBC Normal to Sleep / Stop Mode
It is recommended to first set the LIN Wake Capable Mode before setting the SBC Sleep or Stop Mode to avoid
missing a wake up event. The reason is identical to the CAN behavior. For additional information, see
Chapter 8.3.1.
Do not change the Transciever setting with the same SPI command that is used to sent the device to Sleep Mode.
10.4
Application Information
10.4.1
Bus Short to GND Feature
The LIN transceiver has a feature implemented to protect the battery from running out of charge in case of a bus
short to GND. When the LIN transceiver is switched to Wake capable or Off, the internal pull-up resistor is switched
off to prevent a large current from flowing to GND. In addition, the transceiver only wakes up on a dominant-to-
recessive edge on the LIN bus, so with the bus shorted to GND the transceiver does not wake up.
10.4.2
Oscillator Tolerance
As required by LIN 2.1, an oscillator clock tolerance < 2% for the protocol handler is possible with LIN transceiver.
10.4.3
LIN Specification
The device fulfills the Physical Layer Specification of LIN 2.1.
The device fulfills the Physical Layer Specification SAE J2602-2.
VBUSX
Vcc1µC
RxD
SBC Normal mode
tWU
BUS
Idle
WAKE
PATTERN
Communication
starts
Reset (RO)
LIN WK from sleep to normal .vsd
SBC Sleep mode
SBC
Restart
mode
tRDx
t
t
t
t
SPI command
LIN Wake capable
mode
LIN Waked
LIN Normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com